Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033RGB Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTPL-P033RGB
Description  Specific Lighting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033RGB Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTPL-P033RGB Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3/13 PartNo.:LTPL-P033RGB
BNS-OD-FC002/A4
Specific lighting
LTPL-P033RGB
Electro-Optical Characteristics at Ta=25°C
Parameter
Emission
color
MIN.
TYP.
MAX.
Test
Condition
Unit
Luminous Flux
Red
18
21
27
IF= 150mA
lm
Green
35
42
47
Blue
6
9
15
Luminous Intensity
(for reference)
Red
5.8
6.8
9.0
cd
Green
8.8
10.0
12.0
Blue
1.8
3.0
5.0
Dominant Wavelength
Red
--
625
--
nm
Green
--
525
--
Blue
--
460
--
Forward Voltage
Red
1.5
--
2.6
V
Green
2.8
--
3.8
Blue
2.8
--
3.8
Viewing Angle
Red
--
120
--
deg
Green
Blue
Notes
1. Luminous flux is the total luminous flux output as measured with an integrating sphere.
2. Luminous Flux classification code is marked on each packing bag.
3. CAS-140B is the test standard for luminous flux & Dominant Wavelength & Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com