Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033RGB Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTPL-P033RGB
Description  Specific Lighting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033RGB Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTPL-P033RGB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10/13 PartNo.:LTPL-P033RGB
BNS-OD-FC002/A4
Specific lighting
LTPL-P033RGB
Notes:
1. All dimension are in millimeters. (inches)
2. Empty component pockets sealed with top cover tape.
3. 1000 pieces per 7 inch real. (Min. packing quantities are 500 pieces for remainders)
4. The maximum number of consecutive missing LED is two.
5. In accordance with EIA-481-1-L23 specifications.
8. Reliability Test
Test Item
Test Condition
Test Point
Number of
Damaged
High Temperature
Operating Life
Ta=55oC, IF = 100mA(DC)
1000 Hours
0/22
Room Temperature
Operating Life
Ta=25oC, IF = 150mA(DC)
1000 Hours
0/22
Low Temperature
Operating Life
Ta=-40oC, IF = 150mA(DC)
1000 Hours
0/22
High Temperature
Storage Life
Ta=105℃
500 Hours
0/22
Low Temperature
Storage Life
Ta=-40℃
1000 Hours
0/22
Wet High Temperature
Storage Life
Ta=85℃/85%RH
500 Hours
0/22
Thermal Cycle
Ta=- 40℃~100℃
30min dwell, 5 min transfer
100 cycle
0/22
Thermal Shock
Ta=- 40℃~100℃
20min dwell, 20 sec transfer
100 cycle
0/22
Criteria for Judging the Damage
Item
Symbol
Test Condition
Criteria for Judgment
Min.
Max.
Forward Voltage
Vf
IF = 150mA
----
Initial Value. x 1.1
Luminous Intensity
Lm
IF = 150mA
Initial Value. x 0.7
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com