Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033RGB Datasheet(PDF) 14 Page - Lite-On Technology Corporation

Part # LTPL-P033RGB
Description  Specific Lighting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033RGB Datasheet(HTML) 14 Page - Lite-On Technology Corporation

Back Button LTPL-P033RGB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
13/13 PartNo.:LTPL-P033RGB
BNS-OD-FC002/A4
Specific lighting
LTPL-P033RGB
Personnel Grounding
1.
Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel
strap or conductive shoes with conductive flooring.
2.
If conductive footwear used, conductive flooring also present.
3.
Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V.
4.
The wrist strap or heel strap/conductive shoes are checked daily and result recorded.
5.
All wrist strap or heel strap checkers calibration up to date.
Device Handling
1.
Each ESDS items identified by EIA-471 labels on item or packaging..
2.
No static charge generators (e.g. plastics) inside shielding containers with ESDS items.
3.
All flexible conductive and dissipative package materials are inspected before reuse or
recycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com