Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033RGB Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPL-P033RGB
Description  Specific Lighting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033RGB Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPL-P033RGB Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033RGB Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2/13 PartNo.:LTPL-P033RGB
BNS-OD-FC002/A4
Specific lighting
LTPL-P033RGB
3. Rating and Characteristics
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Rating
Unit
Red
Green
Blue
Forward Current
IF
150
150
150
mA
Forward Pulse Current
IFP
300
300
300
mA
Power Dissipation
PD
360
540
540
mW
Operating Temperature Range
Topr
-20 - 85
°C
Storage Temperature Range
Tstg
-30 - 100
°C
Junction Temperature
Tj
125
°C
Notes
1. 1/10 duty cycle, Pulse width ≤10μs.
2. Forbid to operating at reverse voltage condition for long.
3. It is recommended to follow de-rating curve to use maximum rating to ensure LED can be
operated normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com