Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPV1060 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPV1060
Description  Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPV1060 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPV1060 Datasheet HTML 1Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 2Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 3Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Efficiency
(%, Typ)
Over
Voltage
Protection
(VDC Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min
)
Nominal
Range
MPV0560S-05RHI
600
200 - 1200
5.0
1,000
0.0
73
7.5
10,000
1,000
MPV1060S-05RHI
600
200 - 1200
5.0
2,000
0.0
75
7.5
6,000
1,000
MPV1060S-24RHI
600
200 - 1200
24.0
420
0.0
82
29.0
1,500
1,000
Derating Curve, MPV1060S-05
Notes:
1. To meet the specified ripple and noise levels, a 1 µF ceramic capacitor must be connected in parallel with a 10 µF electrolytic capacitor across the output of the module (pins 5 and 6). For more
information, please contact the factory.
2. All units will meet EN 55022 (CE/RE) class A with the input circuit shown in the “Typical Connection 2” diagram on page 3. Contact the factory for more information.
3. All units will meet EN 61000-4-4 (±4 kV) with the input circuit shown in the “Typical Connection 2” diagram on page 3. Contact the factory for more information.
4. All units will meet the requirements of EN 61000-4-5 (±1 kV/±2 kV), with the input circuit shown in the “Typical Connection 2” diagram on page 3. Contact the factory for more information.
5. Lead temperature is measured 1.5 mm from the case.
6. Operation at no load will not damage the units, however, they may not meet all specifications.
7. It is recommended that a fuse be used on the input of a power supply for protection. For the MPV0560-xxRHI & MPV1060-xxRHI series, a 1.0A slow blow should be used.
Model Selection Guide
Efficiency vs Output Power (VIN= 600 VDC)
Efficiency vs Input Voltage (Full Load)
Derating Curve, MPV0560S-05 & MPV1060S-24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com