Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPV1060 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPV1060
Description  Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPV1060 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPV1060 Datasheet HTML 1Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 2Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 3Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• 5W & 10W Output Power
• 200 - 1200 VDC Input Range
• 4,000 VDC Isolation
• Input Under Volt Protection
• Output Over Volt Protection
• Compact Case
• -25°C to +70°C Operation
• >300 kHours MTBF
MPV1060
Compact, 6:1 Input
PV Power 5 & 10W
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
200
600
1,200
VDC
Input Start Voltage
185
195
VDC
Under Voltage Shutdown
175
185
VDC
Input Current
MPV05
200 VDC Input
36.0
mA
600 VDC Input
13.0
1200 VDC Input
8.0
MPV10
200 VDC Input
69.0
600 VDC Input
24.0
1200 VDC Input
14.0
Inrush Current
200 VDC Input
4.0
A
600 VDC Input
12.0
1200 VDC Input
25.0
Start-Up Time
500
mS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±2.0
%
Line Regulation
VIN = MIN to MAX
±0.5
±1.0
%
Load Regulation
IOUT = 10% to 100%
±0.5
±1.0
%
Ripple & Noise (20 MHz)
See Note 1
80
150
mV P - P
Temperature Coefficient
±0.02
%/°C
Over Power Protection
Autorecovery
110
%IOUT
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
4,000
VAC
Isolation Resistance
500 VDC
100
M
Switching Frequency
65
kHz
EMI Characteristics
Parameter
Standard
Criterea
Level
Radiated Emissions
See Note 2
EN 55022
Class A
Conducted Emissions
See Note 2
EN 55022
Class A
ESD
EN 61000-4-2
B
±6 kV/±8kV
RS
EN 61000-4-3
A
10V/m
EFT
See Note 3
EN 61000-4-4
B
±4 kV
Surge
See Note 4
EN 61000-4-5
B
±2 kV
CS
EN 61000-4-6
A
10 Vrms
PFM
EN 61000-4-8
A
10A/m
Voltage Dips
EN 61000-4-11
B
0% - 70%
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+70
°C
Storage Temperature Range
-25
+105
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawings (Page 4)
Case Material
Aluminum Alloy (UL94-V0)
Weight
6.92 Oz (195g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Lead Temperature, See Note 5
Wave Soldering (5-10 Sec)
255
260
265
°C
Manual Soldering (3-5 Sec)
350
360
370
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series


Similar Part No. - MPV1060

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPV1060RI4 MPD-MPV1060RI4 Datasheet
563Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1060S-05RHI MPD-MPV1060S-05RHI Datasheet
779Kb / 4P
Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
MPV1060S-05RI4 MPD-MPV1060S-05RI4 Datasheet
563Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1060S-09RI4 MPD-MPV1060S-09RI4 Datasheet
563Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1060S-24RHI MPD-MPV1060S-24RHI Datasheet
779Kb / 4P
Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
More results

Similar Description - MPV1060

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1000R MPD-B1000R Datasheet
69Kb / 2P
10W, 5 VDC Input Compact, Dual Output DC/DC Converters
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
logo
Tumbler Technologies + ...
TDW-5S2405 TRUMPOWER-TDW-5S2405 Datasheet
27Kb / 1P
DC/DC CONVERTERS 4:1 Input, 5-6 Watt
logo
List of Unclassifed Man...
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
MicroPower Direct, LLC
MPV10RHI MPD-MPV10RHI Datasheet
779Kb / 4P
Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
MPV15RHI MPD-MPV15RHI Datasheet
802Kb / 4P
Compact, 12:1 Input PV Power 15W DC/DC Converters
MPV40RHI MPD-MPV40RHI Datasheet
729Kb / 4P
Compact, 6:1 Input PV Power 40W DC/DC Converters
MR1011S MPD-MR1011S Datasheet
720Kb / 4P
Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
MPV4060S MPD-MPV4060S Datasheet
1Mb / 4P
Compact, 6:1 Input PV Power 40W DC/DC Con vert ers
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com