Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPV1060 Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MPV1060
Description  Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPV1060 Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MPV1060 Datasheet HTML 1Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 2Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 3Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
MicroPower Direct offers a two more DC/DC product families with specifications that are ideal for use in photovoltaic
applications. The MPV1560S and MPV4060S offer a unique combination of compact size, very wide input range,
very high isolation and low cost. Features Include:
Mechanical Dimensions
• 15W & 40W Output Power
• 200 - 1200 VDC Input Range
• 4,000 VDC Isolation
• Under Input Volt Protection
• Over Output Volt Protection
• Short Circuit Protection
• High Efficiency
• Compact Packaging
• -25°C to +70°C Operation
• High MTBF
More Ultra-Wide Input DC/DC Products
Pin
Function
1+VIN
2-VIN
3
No Connection
4
No Connection
5-VOUT
6+VOUT
Pin Connections
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct also offers DC/DC product families with specifications
that are ideal for use in railway/transportation applications. Call us today or
visit our website for more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com