Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPV1060 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MPV1060
Description  Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPV1060 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MPV1060 Datasheet HTML 1Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 2Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 3Page - MicroPower Direct, LLC MPV1060 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection 1
Typical Connection 2: With External EMC Components
5. Recommended values for components are:
Model
Number
External Components
NTC
MOV
C1, C2, C3, C4
R1, R2, R3, R4
C5
C6
TVS
MPV0560S-05RHI
5D-9
SK201000
47
μF/450V
1 M /2W
1.0
μF/50V
220
μF/25V
SMBJ7.0A
MPV1060S-05RHI
MPV1060S-24RHI
120
μF/35V
SMBJ30A
For applications that require meeting higher EMC standards, the circuit shown above is recommended. Some notes
on this diagram (starting with the input circuit) are:
1. It is recommended that an external fuse be used. The recommended fuse is 1A/250V.
2. The NTC helps to prevent damage to the module in case an input current surge occurs. The recommended value
is given in the table below.
3. The MOV helps to prevent damage to the module in case an input voltage surge occurs. The recommended value
is given in the table below.
4. Capacitors C1, C2, C3 and C4 are input filter components (connected in series to achieve the required capacitance
level). Resistors R1, R2, R3 and R4 help to balance the current across the capacitors.
This diagram illustrates a typical board
layout for the MPV0560S-xxRHI or
MPV1060S-xxRHI with the recom-
mended EMI components shown in
the“Typical Connection 2”diagram.To
meet safety regulations,the board trace
widths should be >3 mm, the distance
between traces should be >6 mm,
and the distance between traces and
ground should be >6 mm. Contact the
factory for more information.
The diagram at left illustrates a typical connection of the
MPV0560S-xxRHI or MPV1060S-xxRHI series. Output
capacitors C6 and C5 are filtering components. They
are required to meet ripple and noise specifications.
The recommended input components are a fuse, NTC,
and MOV. The recommended component values for
these are given in the table below.
6. Capacitor C5 is ceramic. This capacitor is used to filter high frequency noise. A recommended value is
given in the table below.
7. Capacitor C6 is an electrolytic. A low ESR, high frequency capacitor should be used. The recommended
value is given in the table below.
8. The output TVS will help protect system circuitry if power supply fails. A recommended value is given in
the table below.
9. Derating on all capacitors should be 80% or more.
Typical Board Layout: With External EMC Components



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com