Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 13 Page - Silicon Laboratories

Part # CY28329PVC
Description  133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28329PVC Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button CY28329PVC Datasheet HTML 8Page - Silicon Laboratories CY28329PVC Datasheet HTML 9Page - Silicon Laboratories CY28329PVC Datasheet HTML 10Page - Silicon Laboratories CY28329PVC Datasheet HTML 11Page - Silicon Laboratories CY28329PVC Datasheet HTML 12Page - Silicon Laboratories CY28329PVC Datasheet HTML 13Page - Silicon Laboratories CY28329PVC Datasheet HTML 14Page - Silicon Laboratories CY28329PVC Datasheet HTML 15Page - Silicon Laboratories CY28329PVC Datasheet HTML 16Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CY28329
..................... Document #: 38-07040 Rev. *E Page 13 of 16
PD# Assertion
PD# Deassertion
Power Down Rest of Generator
UNDEF
66BUFF
PCI_F (APIC)
CPU
CPU#
3V66
66IN
USB
REF
PCI
PD#
10–30
s min.
100–200
s max.
<3 ms
66BUFF1/GMCH
66BUFF[0:2]
PCI
PD#
CPU
CPU#
3V66
66IN
USB
REF
PCI_F (APIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com