Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 14 Page - Silicon Laboratories

Part # CY28329PVC
Description  133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28329PVC Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button CY28329PVC Datasheet HTML 8Page - Silicon Laboratories CY28329PVC Datasheet HTML 9Page - Silicon Laboratories CY28329PVC Datasheet HTML 10Page - Silicon Laboratories CY28329PVC Datasheet HTML 11Page - Silicon Laboratories CY28329PVC Datasheet HTML 12Page - Silicon Laboratories CY28329PVC Datasheet HTML 13Page - Silicon Laboratories CY28329PVC Datasheet HTML 14Page - Silicon Laboratories CY28329PVC Datasheet HTML 15Page - Silicon Laboratories CY28329PVC Datasheet HTML 16Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CY28329
..................... Document #: 38-07040 Rev. *E Page 14 of 16
Layout Example
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
6
7
13
19
20
24
G = VIA to GND plane layer
V =VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
1
2
3
4
5
8
9
11
12
14
15
16
17
22
23
21
25
26
27
28
40
39
18
41
10
31
30
29
36
35
34
33
32
37
38
FB
+3.3V Supply
Ceramic Caps C1 = 10–22 F
10
F
FB = Dale ILB1206 - 300 or 2TDKACB2012L-120 or 2 Murata BLM21B601S
0.005
F
G
G
VDDQ3
C1
C5 = 0.1
F C6 = 10 F
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
G
VDDQ3
C5
C6
10
G
V
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
C2 = 0.005
F
VDDQ3
1.0 - 4.7K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com