Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 15 Page - Silicon Laboratories

Part # CY28329PVC
Description  133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28329PVC Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button CY28329PVC Datasheet HTML 8Page - Silicon Laboratories CY28329PVC Datasheet HTML 9Page - Silicon Laboratories CY28329PVC Datasheet HTML 10Page - Silicon Laboratories CY28329PVC Datasheet HTML 11Page - Silicon Laboratories CY28329PVC Datasheet HTML 12Page - Silicon Laboratories CY28329PVC Datasheet HTML 13Page - Silicon Laboratories CY28329PVC Datasheet HTML 14Page - Silicon Laboratories CY28329PVC Datasheet HTML 15Page - Silicon Laboratories CY28329PVC Datasheet HTML 16Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CY28329
..................... Document #: 38-07040 Rev. *E Page 15 of 16
Test Circuit
Note: All capacitors must be placed as close to the pins as is physically possible.
4, 9, 15, 20, 31, 36, 41, 47
VDD_REF, VDD_PCI,
OUTPUTS
CY28329
Note: Each supply pin must have an individual decoupling capacitor.
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
Rs
Rs
Rp
Rp
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
1, 8, 14, 19,32,37, 46, 50
Ordering Information
Ordering Code
Package Type
Operating Range
Standard
CY28329PVC
56-Pin Small Shrunk Outline Package (SSOP)
Commercial
CY28329PVCT
56-Pin Small Shrunk Outline Package (SSOP) - Tape and Reel
Commercial
CY28329ZC
56-Pin Thin Small Shrunk Outline Package (TSSOP)
Commercial
CY28329ZCT
56-Pin Thin Small Shrunk Outline Package (TSSOP) - Tape and Reel Commercial
Lead-free
CY28329OXC
56-Pin Small Shrunk Outline Package (SSOP)
Commercial
CY28329OXCT
56-Pin Small Shrunk Outline Package (SSOP) -Tape and Reel
Commercial
CY28329ZXC
56-Pin Thin Small Shrunk Outline Package (TSSOP)
Commercial
CY28329ZXCT
56-Pin Thin Small Shrunk Outline Package (TSSOP)
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com