Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 2 Page - Silicon Laboratories

Part # CY28329PVC
Description  133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28329PVC Datasheet(HTML) 2 Page - Silicon Laboratories

  CY28329PVC Datasheet HTML 1Page - Silicon Laboratories CY28329PVC Datasheet HTML 2Page - Silicon Laboratories CY28329PVC Datasheet HTML 3Page - Silicon Laboratories CY28329PVC Datasheet HTML 4Page - Silicon Laboratories CY28329PVC Datasheet HTML 5Page - Silicon Laboratories CY28329PVC Datasheet HTML 6Page - Silicon Laboratories CY28329PVC Datasheet HTML 7Page - Silicon Laboratories CY28329PVC Datasheet HTML 8Page - Silicon Laboratories CY28329PVC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CY28329
....................... Document #: 38-07040 Rev. *E Page 2 of 16
Pin Description
Name
Pins
Description
REF
56
3.3V 14.318 MHz clock output
XTAL_IN
2
14.318 MHz crystal input
XTAL_OUT
3
14.318 MHz crystal input
CPU, CPU [0:3]#
44, 45, 48, 49,
51, 52, 53, 54
Differential CPU clock outputs
3V66_0
33
3.3V 66 MHz clock output
3V66_1/VCH
35
3.3V selectable through SMBus to be 66 MHz or 48 MHz
66IN/3V66_5
24
66 MHz input to buffered 66BUFF and PCI or 66 MHz clock from internal VCO
66BUFF [0:2]
/3V66 [2:4]
21, 22, 23
66 MHz buffered outputs from 66Input or 66 MHz clocks from internal VCO
PCI_F [0:2]
5, 6, 7,
33 MHz clocks divided down from 66Input or divided down from 3V66
PCI [0:6]
10, 11, 12, 13, 16,
17, 18
PCI clock outputs divided down from 66Input or divided down from 3V66
USB
39
Fixed 48 MHz clock output
DOT
38
Fixed 48 MHz clock output
S2
40
Special 3.3V 3-level input for Mode selection
S1
55
3.3V LVTTL inputs for CPU frequency selection
IREF
42
A precision resistor is attached to this pin which is connected to the internal current
reference
MULT0
43
3.3V LVTTL input for selecting the current multiplier for the CPU outputs
PD#
25
3.3V LVTTL input for Power_Down# (active LOW). Do not add any decoupling capac-
itors. Use an external 1.0-K
 pull-up resistor.
PCI_STOP#
34
3.3V LVTTL input for PCI_STOP# (active LOW)
VTTPWRGD#
28
3.3V LVTTL input is a level-sensitive strobe used to determine when S[1:2] and
MULT0 inputs are valid and OK to be sampled (Active LOW). Once VTTPWRGD# is
sampled LOW, the status of this output will be ignored.
SDATA
29
SMBus-compatible SDATA
SCLK
30
SMBus-compatible Sclk
VDD_REF,
VDD_PCI,
VDD_3V66,
VDD_48 MHz,
VDD_CPU
1, 8, 14, 19, 32,
37, 46, 50
3.3V power supply for outputs
VDD_CORE
26
3.3V power supply for PLL
GND_REF,
GND_PCI,
GND_3V66,
GND_IREF,
VDD_CPU
4, 9, 15, 20, 31,
36, 41, 47
Ground for outputs
GND_CORE
27
Ground for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com