Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003DB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG3003DB
Description  Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003DB Datasheet(HTML) 5 Page - Vishay Siliconix

  DG3003DB Datasheet HTML 1Page - Vishay Siliconix DG3003DB Datasheet HTML 2Page - Vishay Siliconix DG3003DB Datasheet HTML 3Page - Vishay Siliconix DG3003DB Datasheet HTML 4Page - Vishay Siliconix DG3003DB Datasheet HTML 5Page - Vishay Siliconix DG3003DB Datasheet HTML 6Page - Vishay Siliconix DG3003DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DG3001/3002/3003
Vishay Siliconix
New Product
Document Number: 72505
S-32069—Rev. A, 27-Oct-03
www.vishay.com
5
TEST CIRCUITS
FIGURE 1. Switching Time
FIGURE 2. Break-Before-Make Interval
FIGURE 3. Charge Injection
CL (includes fixture and stray capacitance)
NC
VNO
NO
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300 W
VOUT
GND
V+
50%
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic “1” = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
Off
On
On
IN
DVOUT
VOUT
Q = DVOUT x CL
CL = 1 nF
COM
Rgen
VOUT
NC or NO
VIN = 0 − V+
IN
Vgen
GND
V+
V+
Switch Output
VOUT + VCOM
RL
RL ) RON
0.9 x VOUT
tr t 5 ns
tf t 5 ns
IN depends on switch configuration: input polarity
determined by sense of switch.
+
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr <5 ns
tf <5 ns
90%
tD
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
300 W
VINH
VINL
VINH
VINL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com