Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003DB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG3003DB
Description  Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003DB Datasheet(HTML) 4 Page - Vishay Siliconix

  DG3003DB Datasheet HTML 1Page - Vishay Siliconix DG3003DB Datasheet HTML 2Page - Vishay Siliconix DG3003DB Datasheet HTML 3Page - Vishay Siliconix DG3003DB Datasheet HTML 4Page - Vishay Siliconix DG3003DB Datasheet HTML 5Page - Vishay Siliconix DG3003DB Datasheet HTML 6Page - Vishay Siliconix DG3003DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DG3001/3002/3003
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72505
S-32069—Rev. A, 27-Oct-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
−90
−20
10
Insertion Loss, Off-Isolation, Crosstalk vs. Frequency
Frequency (Hz)
−10
0
0
10
20
30
40
50
60
70
80
90
100
−60
−40
−20
0
20406080
100
tON V+ = 2 V
Switching Time vs. Temperature and Supply Voltage
Temperature (_C)
10 M
1 G
100 M
1 M
100 K
tON V+ = 3 V
tOFF V+ = 2 V
tOFF V+ = 3 V
−30
−40
−50
−60
−70
−80
V+ = 3 V
RL = 50 W
LOSS
OIRR
XTALK
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23
45
6
7
V+ − Supply Voltage (V)
Switching Threshold vs. Supply Voltage
−250
−200
−150
−100
−50
0
50
100
150
200
250
012345
VCOM − Analog Voltage (v)
Charge Injection vs. Analog Voltage
V+ = 2 V
V+ = 3 V
V+ = 5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com