Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG3003DB
Description  Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003DB Datasheet(HTML) 1 Page - Vishay Siliconix

  DG3003DB Datasheet HTML 1Page - Vishay Siliconix DG3003DB Datasheet HTML 2Page - Vishay Siliconix DG3003DB Datasheet HTML 3Page - Vishay Siliconix DG3003DB Datasheet HTML 4Page - Vishay Siliconix DG3003DB Datasheet HTML 5Page - Vishay Siliconix DG3003DB Datasheet HTML 6Page - Vishay Siliconix DG3003DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DG3001/3002/3003
Vishay Siliconix
New Product
Document Number: 72505
S-32069—Rev. A, 27-Oct-03
www.vishay.com
1
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOTr Analog Switch
FEATURES
D MICRO FOOT Chip Scale Package
(1.0 x 1.5 mm)
D Low Voltage Operation (1.8 V to 5.5 V)
D Low On-Resistance - rDS(on): 0.4 W
D Fast Switching - tON : 47 ns, tOFF: 40 ns
D Low Power Consumption
D TTL/CMOS Compatible
BENEFITS
D Reduced Power Consumption
D Simple Logic Interface
D High Accuracy
D Reduce Board Space
APPLICATIONS
D Cellular Phones
D Communication Systems
D Portable Test Equipment
D Battery Operated Systems
D PCM Cards
D PDA
DESCRIPTION
The DG3001/DG3002/DG3003 are monolithic CMOS analog
switches designed for high performance switching of analog
signals. The DG3001 and DG3002 are configured as SPST
switches, and the DG3003 is an SPDT switch. Combining low
power, high speed (tON: 47 ns, tOFF: 40 ns), low on-resistance
(rDS(on): 0.4 W) and small physical size (MICRO FOOT,
6-bump), the DG3001/DG3002/DG3003 are ideal for portable
and battery powered applications requiring high performance
and efficient use of board space.
The DG3001/DG3002/DG3003 are built on Vishay Siliconix’s
low voltage JI2 process. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
NO
(Source1)
COM
COM
B1
B2
B3
Top View
V+
IN
GND
A1
A2
A3
Device Marking: 3001
xxx = Date/Lot Traceability Code
A1 Locator
NC
(Source1)
COM
COM
B1
B2
B3
Top View
V+
IN
GND
A1
A2
A3
Device Marking: 3002
xxx = Date/Lot Traceability Code
A1 Locator
NO
(Source1)
COM
NC (Source2)
B1
B2
B3
Top View
V+
IN
GND
A1
A2
A3
Device Marking: 3003
xxx = Date/Lot Traceability Code
A1 Locator
DG3001DB
DG3002DB
DG3003DB
MICRO FOOT (6-Bump)
MICRO FOOT (6-Bump)
MICRO FOOT (6-Bump)
TRUTH TABLE
Logic
NC
NO
0
ON
OFF
1
OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
MICRO FOOT: 6-Bump
DG3001DB
-40 to 85°C
MICRO FOOT: 6-Bump
(3 2, 0.5-mm pitch,
165 mm nom bump height)
DG3002DB
165-mm nom. bump height)
DG3003DB


Similar Part No. - DG3003DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3003DB-T1 VISHAY-DG3003DB-T1 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG3003DB-T1 VISHAY-DG3003DB-T1 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
DG3003DB-T1 VISHAY-DG3003DB-T1 Datasheet
257Kb / 13P
Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch
28-Feb-11
DG3003DB-T1-E1 VISHAY-DG3003DB-T1-E1 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG3003DB-T1-E1 VISHAY-DG3003DB-T1-E1 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
More results

Similar Description - DG3003DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
30-Apr-07
DG3000 VISHAY-DG3000_08 Datasheet
130Kb / 10P
Low-Voltage Single SPDT MICRO FOOT®Analog Switch
30-Apr-07
DG3001 VISHAY-DG3001 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
25-Oct-10
DG3001 VISHAY-DG3001_11 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
Low Voltage SPST 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_V01 Datasheet
105Kb / 9P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
25-Oct-10
DG3001 VISHAY-DG3001_V01 Datasheet
257Kb / 13P
Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch
28-Feb-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com