Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003DB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG3003DB
Description  Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003DB Datasheet(HTML) 3 Page - Vishay Siliconix

  DG3003DB Datasheet HTML 1Page - Vishay Siliconix DG3003DB Datasheet HTML 2Page - Vishay Siliconix DG3003DB Datasheet HTML 3Page - Vishay Siliconix DG3003DB Datasheet HTML 4Page - Vishay Siliconix DG3003DB Datasheet HTML 5Page - Vishay Siliconix DG3003DB Datasheet HTML 6Page - Vishay Siliconix DG3003DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DG3001/3002/3003
Vishay Siliconix
New Product
Document Number: 72505
S-32069—Rev. A, 27-Oct-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
−60
−40
−20
0
20
40
60
80
100
10000
1000
1
Supply Current vs. Temperature
Temperature (_C)
0.00
0.20
0.40
0.60
0.80
1.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
012345
rON vs. VCOM and Single Supply Voltage
VCOM − Analog Voltage (V)
V+ = 1.8 V
V+ = 2 V
V+ = 5 V
rON vs. Analog Voltage and Temperature
VCOM − Analog Voltage (V)
85_C
−40_C
25_C
10
V+ = 5 V
VIN = 0 V
T = 25 _C
IS = 10 mA
V+ = 2.7 V
V+ = 3 V
V+ = 3.3 V
V+ = 3 V
IS = 10 mA
100
Supply Current vs. Input Switching Frequency
Input Switching Frequency (Hz)
−250
−200
−150
−100
−50
0
50
100
150
200
250
012345
Leakage vs. Analog Voltage
VCOM, VNO, VNC − Analog Voltage (V)
10
10 K
100 K
10 M
100
1 K
1 M
100 mA
1 mA
100 mA
10 mA
1 mA
V+ = 5 V
−60
−40
−20
0
20
40
60
80
100
10
1000
Leakage Current vs. Temperature
Temperature (_C)
V+ = 5 V
100
INO(off), INC(off)
ICOM(off)
ICOM(on)
V+ = 5 V
INO(off), INC(off)
ICOM(off)
ICOM(on)
100 nA
1 nA
10 nA
10 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com