Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD568 Datasheet(PDF) 13 Page - Analog Devices

Part # AD568
Description  12-Bit Ultrahigh Speed Monolithic D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD568 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD568 Datasheet HTML 7Page - Analog Devices AD568 Datasheet HTML 8Page - Analog Devices AD568 Datasheet HTML 9Page - Analog Devices AD568 Datasheet HTML 10Page - Analog Devices AD568 Datasheet HTML 11Page - Analog Devices AD568 Datasheet HTML 12Page - Analog Devices AD568 Datasheet HTML 13Page - Analog Devices AD568 Datasheet HTML 14Page - Analog Devices AD568 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AD568
REV. A
–12–
Circuit Details
Figure 20 shows an approximate timing budget for the A/D con-
verter. If 12 cycles are to be completed in 1
µs, approximately
80 ns is allowed for each cycle. Since the Schottky diodes clamp
the voltage of the summing junction, the DAC settling time ap-
proaches the current-settling value of 35 ns, and hence uses up
less than half the timing budget.
To maintain simplicity, a simple clock is used that runs at a
constant rate throughout the conversion, with a duty cycle of
approximately 90%. If absolute speed is worth the additional
complexity, the clock frequency can be increased as the conver-
sion progresses since the DAC must settle from increasingly
smaller steps.
When seeking a cycle time of less than 100 ns, the delays gener-
ated by the older generation SAR registers become problematic.
Newer, high speed SAR logic chips are becoming available in
the classic 2504 pinout that cuts the logic overhead in half. One
example of this is Zyrel’s ZR2504.
Finding a comparator capable of keeping up with this DAC ar-
rangement is fairly difficult: it must respond to an overdrive of
250
µV (1 LSB) in less than 25 ns. Since no inexpensive com-
parator exists with these specs, special arrangements must be
made. The LT106 comparator provides relatively quick re-
sponse, but requires at least 5 mV of overdrive to maintain this
speed. A discrete preamplifier may be used to amplify the sum-
ming junction voltage to sufficiently overdrive the comparator.
Care must be exercised in the layout of the preamp/comparator
block to avoid introducing comparator instability with the
preamp’s additional gain.
10ns
35ns
15ns
10ns
10ns
0
10ns
20ns
30ns
40ns
50ns
60ns
70ns
80ns
CLOCK
PULSE
START OF NEXT
CLOCK CYCLE
LATCH COMPARATOR
START OF
CLOCK CYCLE
SAR
DELAY
DAC SETTLING
PREAMP
DELAY
COMPARATOR
DELAY
Figure 20. Typical Clock Cycle for a 1
µs SAR A/D
Converter
HIGH-SPEED MULTIPLYING DAC
A powerful use for the AD568 is found in multiplying applica-
tions, where the DAC controls the amplitude of a high-speed
signal. Specifically, using the AD568 as the control voltage
input signal for the AD539 60 MHz analog multiplier and
AD5539 wideband op amp, a high-speed multiplying DAC can
be built.
In the application shown in Figure 21, the AD568 is used in a
buffered voltage output mode to generate the input to the
AD539’s control channel. The speed of the AD568 allows
oversampling of the control signal waveform voltage, thereby
providing increased spectral purity of the amplitude envelope
that modulates the analog input channels.
The AD568 is configured in the unbuffered unipolar output
mode. The internal 200
Ω load resistor creates the 0-1 V FS
output signal, which is buffered and amplified to a 0-3 V range
suitable for the control channel of the AD539.
A 500
Ω input impedance exists at Pin 1, the input channel. To
provide a buffer for the 0-1 V output signal from the AD568
looking into the impedance and to achieve the full-scale range,
the AD841, high-speed, fast settling op amp is included. The
gain of 3 is achieved with a 2 k
Ω resistor configured in follower
mode with a 1 k
Ω pot and 500 Ω resistor. A 20 kΩ pot with
connections to Pins 3, 4 and 12 is provided for offset trim.
The AD539 can accept two separate input signals, each with a
nominal full-scale voltage range of
±2 V. Each signal can then
be simultaneously controlled by the AD568 signal at the com-
mon input channels, Pins 11 and 14, applied to the AD5539 in
a subtracting configuration, provide the voltage output signal:
VOUT =
D
4096
×
VY1 –VY 2
2V
(0
≤D ≤4095)
For applications where only a single channel is involved, chan-
nel 2, VY2, is tied to ground. This provides:
VOUT =
D
4096
×
VY1
2V
(0
≤D ≤4095)
Some AD539 circuit details: The control amplifier compensa-
tion capacitor for Pin 2, CC, must have a minimum value of
300 pF to provide circuit stability. For improved bandwidth and
feedthrough, the feedthrough capacitor between Pins 1 and 2
should be 5-20% of CC. A Schottky diode at Pin 2 can improve
recovery time from small negative values of VX. Lead lengths
along the path of the high-speed signal from AD568 should be
kept at a minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com