Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD568 Datasheet(PDF) 1 Page - Analog Devices

Part # AD568
Description  12-Bit Ultrahigh Speed Monolithic D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD568 Datasheet(HTML) 1 Page - Analog Devices

  AD568 Datasheet HTML 1Page - Analog Devices AD568 Datasheet HTML 2Page - Analog Devices AD568 Datasheet HTML 3Page - Analog Devices AD568 Datasheet HTML 4Page - Analog Devices AD568 Datasheet HTML 5Page - Analog Devices AD568 Datasheet HTML 6Page - Analog Devices AD568 Datasheet HTML 7Page - Analog Devices AD568 Datasheet HTML 8Page - Analog Devices AD568 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
12-Bit Ultrahigh Speed
Monolithic D/A Converter
AD568
FEATURES
Ultrahigh Speed: Current Settling to 1 LSB in 35 ns
High Stability Buried Zener Reference on Chip
Monotonicity Guaranteed Over Temperature
10.24 mA Full-Scale Output Suitable for Video
Applications
Integral and Differential Linearity Guaranteed Over
Temperature
0.3" “Skinny DIP” Packaging
Variable Threshold Allows TTL and CMOS
Interface
MIL-STD-883 Compliant Versions Available
PRODUCT DESCRIPTION
The AD568 is an ultrahigh-speed, 12-bit digital-to-analog con-
verter (DAC) settling to 0.025% in 35 ns. The monolithic de-
vice is fabricated using Analog Devices’ Complementary Bipolar
(CB) Process. This is a proprietary process featuring high-speed
NPN and PNP devices on the same chip without the use of di-
electric isolation or multichip hybrid techniques. The high speed
of the AD568 is maintained by keeping impedance levels low
enough to minimize the effects of parasitic circuit capacitances.
The DAC consists of 16 current sources configured to deliver a
10.24 mA full-scale current. Multiple matched current sources
and thin-film ladder techniques are combined to produce bit
weighting. The DAC’s output is a 10.24 mA full scale (FS) for
current output applications or a 1.024 V FS unbuffered voltage
output. Additionally, a 10.24 V FS buffered output may be gen-
erated using an onboard 1 k
Ω span resistor with an external op
amp. Bipolar ranges are accomplished by pin strapping.
Laser wafer trimming insures full 12-bit linearity. All grades of
the AD568 are guaranteed monotonic over their full operating
temperature range. Furthermore, the output resistance of the
DAC is trimmed to 100
Ω ± 1.0%. The gain temperature coeffi-
cient of the voltage output is 30 ppm/
°C max (K).
The AD568 is available in three performance grades. The
AD568JQ and KQ are available in 24-pin cerdip (0.3") packages
and are specified for operation from 0
°C to +70°C. The
AD568SQ features operation from –55
°C to +125°C and is also
packaged in the hermetic 0.3" cerdip.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT HIGHLIGHTS
1. The ultrafast settling time of the AD568 allows leading edge
performance in waveform generation, graphics display and
high speed A/D conversion applications.
2. Pin strapping provides a variety of voltage and current output
ranges for application versatility. Tight control of the abso-
lute output current reduces trim requirements in externally-
scaled applications.
3. Matched on-chip resistors can be used for precision scaling in
high speed A/D conversion circuits.
4. The digital inputs are compatible with TTL and +5 V
CMOS logic families.
5. Skinny DIP (0.3") packaging minimizes board space require-
ments and eases layout considerations.
6. The AD568 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD568/883B data sheet for detailed
specifications.


Similar Part No. - AD568

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
AD568 AD-AD568 Datasheet
77Kb / 1P
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
AD568 AD-AD568 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD5680 AD-AD5680 Datasheet
466Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
6/06-Revision 0
AD5680 AD-AD5680 Datasheet
451Kb / 20P
5V 18-Bit nanoDAC
7/2017-Rev. B to Rev. C
More results

Similar Description - AD568

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
AD9768 AD-AD9768 Datasheet
103Kb / 4P
Ultrahigh Speed IC D/A Converter
REV.A
logo
List of Unclassifed Man...
SPT5140 ETC2-SPT5140 Datasheet
80Kb / 12P
8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT5140 CADEKA-SPT5140 Datasheet
428Kb / 12P
8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
Ultrahigh Speed IC D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com