Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD568 Datasheet(PDF) 14 Page - Analog Devices

Part # AD568
Description  12-Bit Ultrahigh Speed Monolithic D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD568 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD568 Datasheet HTML 7Page - Analog Devices AD568 Datasheet HTML 8Page - Analog Devices AD568 Datasheet HTML 9Page - Analog Devices AD568 Datasheet HTML 10Page - Analog Devices AD568 Datasheet HTML 11Page - Analog Devices AD568 Datasheet HTML 12Page - Analog Devices AD568 Datasheet HTML 13Page - Analog Devices AD568 Datasheet HTML 14Page - Analog Devices AD568 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AD568
REV. A
–13–
16
15
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
+15V
REFCOM
–15V
IBPO
RL
ACOM
LCOM
SPAN
SPAN
THCOM
VTH
IOUT
DIGITAL
INPUTS
0.2µF
0.1µF
0.1µF
0.1µF
–15V
+15V
ANALOG
GND PLANE
DIGITAL
GND PLANE
DIGITAL
SUPPLY
GROUND
100pF
RTH
1k
Ω
+5V
NC
NC
ANALOG
OUTPUT
ANALOG
SUPPLY
GROUND
4
3
10
12
6
5
Cff
100pF
Cc
3000pF
75
Ω
1µF
1µF
–VS
20k
Ω
AD841
2k
Ω
1k
Ω
500
Ω
+VS
13
14
1
2
3
4
5
6
7
8
9
10
11
12
AD568
W1
Z1
CH1
OUTPUT
BASE
COMMON
Z2
W2
CH2
OUTPUT
11
+VS
–VS
CONTROL
HF
COMP
CH1
INPUT
INPUT
COMMON
OUTPUT
COMMON
CH2
INPUT
VX
75
Ω
VY1IN
VY1IN
10
Ω
10
Ω
+9V
–9V
200
Ω
GAIN
ADJUST
(
±4% RANGE)
10
7
1
14
–9V
AD5539N
8
100k
180
Ω
470
Ω
2.7
Ω
0.47µF
–9V
50k
(OPTIONAL)
OUTPUT
OFFSET
–9V
+9V
+9V
0.47µF
2.7
Ω
VOUT
3
D1
180
Ω
CF
0.25pF –
1.5pF
D1: THOMPSON CSFBAR – 10 OR SIMILAR SCHOTTKY DIODE
SHORT, DIRECT CONNECTION TO GROUND PLANE.
Figure 21. Wideband Digitally Controlled Multiplier
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Pin Cerdip (Suffix Q)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com