Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD568 Datasheet(PDF) 3 Page - Analog Devices

Part # AD568
Description  12-Bit Ultrahigh Speed Monolithic D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD568 Datasheet(HTML) 3 Page - Analog Devices

  AD568 Datasheet HTML 1Page - Analog Devices AD568 Datasheet HTML 2Page - Analog Devices AD568 Datasheet HTML 3Page - Analog Devices AD568 Datasheet HTML 4Page - Analog Devices AD568 Datasheet HTML 5Page - Analog Devices AD568 Datasheet HTML 6Page - Analog Devices AD568 Datasheet HTML 7Page - Analog Devices AD568 Datasheet HTML 8Page - Analog Devices AD568 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Model
AD568J
AD568K
AD568S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
12
12
12
Bits
ACCURACY
1
Linearity
–1/2
+1/2
–1/4
+1/4
–1/2
+1/2
LSB
TMIN to TMAX
–3/4
+3/4
–1/2
+1/2
–3/4
+3/4
LSB
Differential Nonlinearity
–1
+1
–1/2
+1/2
–1
+1
LSB
TMIN to TMAX
–1
+1
–1
+ 1
–1
–1
LSB
Monotonicity
GUARANTEED OVER RATED SPECIFICATION TEMPERATURE RANGE
Unipolar Offset
–0.2
+0.2
*
*
*
*
% of FSR
Bipolar Offset
–1.0
+1.0
*
*
*
*
% of FSR
Bipolar Zero
–0.2
+0.2
*
*
*
*
% of FSR
Gain Error
–1.0
+1.0
*
*
*
*
% of FSR
TEMPERATURE COEFFICIENTS
2
Unipolar Offset
–5
+5
–3
+3
–5
+5
ppm of FSR/
°C
Bipolar Offset
–30
+30
–20
+20
–30
+30
ppm of FSR/
°C
Bipolar Zero
–15
+15
••
••
ppm of FSR/
°C
Gain Drift
–50
+50
–30
+30
–50
+50
ppm of FSR/
°C
Gain Drift (IOUT)
–150
+150
*
*
*
*
ppm of FSR/
°C
DATA INPUTS
Logic Levels (TMIN to TMAX)
VIH
2.0
7.0
**
**
V
VIL
0.0
0.8
**
**
V
Logic Currents (TMIN to TMAX)
IIH
–10
0
+10
**
*
*
**
µA
IIL
–0.5
–60
–100
*
*
*
*
–100
–200
µA
VTH Pin Voltage
1.4
*
*
V
CODING
BINARY, OFFSET BINARY
CURRENT OUTPUT RANGES
0 to 10.24,
±5.12
mA
VOLTAGE OUTPUT RANGES
0 to 1.024,
±0.512
V
COMPLIANCE VOLTAGE
–2
+1.2
*
*
*
*
V
OUTPUT RESISTANCE
Exclusive of RL
160
200
240
*
*
Inclusive of RL
99
100
101
*
*
SETTLING TIME
Current to
± 0.025%
35
*
*
ns to 0.025% of FSR
± 0.1%
23
*
*
ns to 0.1% of FSR
Voltage
50
Ω Load3, 0.512 V p-p,
to 0.025%
37
*
*
ns to 0.025% of FSR
to 0.1%
25
*
*
ns to 0.1% of FSR
to 1%
18
*
*
ns to 1% of FSR
75
Ω Load3, 0.768 V p-p,
to 0.025%
40
*
*
ns to 0.025% of FSR
to 0.1%
25
*
*
ns to 0.1% of FSR
to 1%
20
*
*
ns to 1% of FSR
100
Ω (Internal R
L)
3, 1.024 V p-p,
to 0.025%
50
*
*
ns to 0.025% of FSR
to 0.1%
38
*
*
ns to 0.1% of FSR
to 1%
24
*
*
ns to 1% of FSR
Glitch Impulse
4
350
*
*
pV-sec
Peak Amplitude
15
*
*
% of FSR
FULL-SCALE TRANSlTlON
5
10% to 90% Rise Time
11
*
*
ns
90% to 10% Fall Time
11
*
*
ns
POWER REQUIREMENTS
+13.5 V to +16.5 V
27
32
**
*
*
mA
–13.5 V to –16.5 V
–7
–8
**
*
*
mA
Power Dissipation
525
625
*
*
*
*
mW
PSRR
0.05
*
*
% of FSR/V
TEMPERATURE RANGE
Rated Specification
2
0
+70
0
+70
–55
+125
°C
Storage
–65
+150
*
*
*
*
°C
NOTES
*Same as AD568J.
1Measured in I
OUT mode.
2Measured in V
OUT mode, unless otherwise specified. See text for further information.
3Total Resistance. Refer to Figure 3,
4At the major carry, driven by HCMOS logic. See text for further explanation.
5Measured in V
OUT mode.
Specifications shown in boldface are tested on all production units at final electrical test.
Specifications subject to change without notice.
REV. A
–2–
(@ = +25 C, VCC, VEE =
15 V unless otherwise noted)
AD568–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com