Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13135LP Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML13135LP
Description  FM Communications Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135LP Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML13135LP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.lansdale.com
Page 5 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
8.0
fDEV, DEVIATION (kHz)
20
–100
RF INPUT (dBm)
2000
±1.0
fDEV, DEVIATION (kHz)
Figure 8. Op Amp Gain and Phase
versus Frequency
Figure 9. First Mixer Third Order Intermodulation
(Unmatched Input)
Figure 10. Recovered Audio versus
Deviation for ML13135
Figure 11. Distortion versus
Deviation for ML13135
50
10 k
f, FREQUENCY (Hz)
30
10
–10
– 50
100 k
1.0 M
10 M
3rd Order
Intermod
Products
0
– 20
– 40
– 60
– 80
–100
– 80
– 60
– 40
– 20
0
1500
1000
1.0
R = 68 k
Ω
– 30
80
120
160
200
280
240
Phase
Gain
Desired Products
± 3.0
± 5.0
± 7.0
± 9.0
R = 47 k
Ω
R = 39 k
Ω
±1.0
± 3.0
± 5.0
± 7.0
± 9.0
7.0
6.0
5.0
4.0
R = 68 k
Ω
R = 47 k
Ω
R
13
VCC
455 kHz
Quad Coil
Toko 7MC–8128Z
500
0
3.0
2.0
R = 39 k
Ω
R
13
VCC
455 kHz
Quad Coil
Toko 7MC–8128Z
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com