Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13135LP Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # ML13135LP
Description  FM Communications Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135LP Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML13135LP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.lansdale.com
Page 7 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
Figure 15. PLL Controlled Narrowband FM Receiver at 46/49 MHz
Figure 16. 144 MHz Single Channel Application Circuit
24
0.2
µH
RF
Input
62 pF
0.001
23
22
21
20
19
18
150 pF
0.01
0.1
360
Ceramic
Filter
10.7 MHz
455 kHz
Quad Coil
68 k
0.15
1.0 k
17
16
15
14
13
12
0.1
500 p
3
2
1
4
5
6
7
8
9
10
11
0.1
0.1
Ceramic
Filter
455 kHz
10.245
MHz Xtal
27 p
5.0 p
50 p
5.1 k
120 p
0.1
VCC
47 k
0.68
µH
AF
VCC2
2nd LO
VCC1
1st LO
Varicap
Limiter
Demod
Recovered
Audio
RSSI
Output
10 k
500 p
100 k
1.0
0.01
Fin1
0.1
0.1
2.7 k
ML145168
3.0 p
MPS5179
0.05
µH
0.07
µH
39 p
1.0
µ
5.1 k
L3
12 p
3300 p
To Mixer
15 k
3300 p
470 p
470
L2
RF Input
12 p
Q1
Preamp for ML13135 at 144.455 MHz
1st LO
External Oscillator Circuit
L1
X1
43 p
68 p
5.6 k
1.0 k
100 p
15 k
0.82
µ
1.0
µF
15 p
VCC
1000p
Q1
470
MPS5179
44.585 MHz 3rd Overtone
Series Resonant Crystal
0.078
µH Inductor
(Coilcraft Part # 146–02J08)
fosc =
133.755 MHz
1.0
µF
VCC
OSC
Out
OSC
In
PD1
PD2
LD
D3
Fin2
VDD
D0
D1
D2
ML13135
Q1 –
L2 –
L3 –
Q1 –
X1 –
L1 –
VSS
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com