Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13135LP Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML13135LP
Description  FM Communications Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135LP Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML13135LP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.lansdale.com
LANSDALE Semiconductor, Inc.
ML13135
Page 2 of 11
Issue 0
MAXIMUM RATINGS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
4, 19
VCC (max)
6.5
Vdc
RF Input Voltage
22
RFin
1.0
Vrms
Junction Temperature
–
TJ
+150
°C
Storage Temperature Range
–
Tstg
– 65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
4, 19
VCC
2.0 to 6.0
Vdc
Maximum 1st IF
–
fIF1
21
MHz
Maximum 2nd IF
–
fIF2
3.0
MHz
Ambient Temperature Range
–
TA
– 40 to + 85
°C
ELECTRICAL CHARACTERISTICS (TA=25°C,VCC=4.0Vdc,fo=49.7MHz,fMOD=1.0kHz,Deviation=±3.0kHz,f1stLO=39MHz,f2nd
LO = 10.245 MHz, IF1 = 10.7 MHz, IF2 = 455 kHz, unless otherwise noted. All measurements performed in the test circuit of Figure 1.)
Characteristic
Condition
Symbol
Min
Typ
Max
Unit
Total Drain Current
No Input Signal
ICC
–
4.0
6.0
mAdc
Sensitivity (Input for 12 dB SINAD)
Matched Input
VSIN
–
1.0
–
µVrms
Recovered Audio
VRF = 1.0 mV
AFO
mVrms
170
220
300
1st Mixer Conversion Gain
VRF = – 40 dBm
MXgain1
–
12
–
dB
2nd Mixer Conversion Gain
VRF = – 40 dBm
MXgain2
–
13
–
dB
First LO Buffered Output
–
VLO
–
100
–
mVrms
Total Harmonic Distortion
VRF = – 30 dBm
THD
–
1.2
3.0
%
Demodulator Bandwidth
–
BW
–
50
–
kHz
RSSI Dynamic Range
–
RSSI
–
70
–
dB
First Mixer 3rd Order Intercept
TOIMix1
dBm
(Input)
Matched
–
–17
–
Unmatched
–
–11
–
Second Mixer 3rd Order
Matched
TOIMix2
dBm
Intercept (RF Input)
Input
–
– 27
–
First LO Buffer Output Resistance
–
RLO
–
–
–
Ω
First Mixer Parallel Input Resistance
–
R
–
722
–
Ω
First Mixer Parallel Input Capacitance
–
C
–
3.3
–
pF
First Mixer Output Impedance
–
ZO
–
330
–
Ω
Second Mixer Input Impedance
–
ZI
–
4.0
–
k
Ω
Second Mixer Output Impedance
–
ZO
–
1.8
–
k
Ω
Detector Output Impedance
–
ZO
–
25
–
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com