Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13135LP Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML13135LP
Description  FM Communications Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135LP Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML13135LP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.lansdale.com
Page 1 of 11
Issue 0
ML13135
FM Communications
Receiver; Dual Conversion
Narrowband FM Receiver
Legacy Device: Motorola MC13135
The ML13135 is the second generation of single chip, dual conversion
FM communications receivers developed by Motorola. Major
improvements in signal handling, RSSI and first oscillator operation
have been made. In addition, recovered audio distortion and audio
drive have improved. These receivers offer low noise, high gain and
stability over a wide operating voltage range, and Lansdale is pleased
to continue to offer them.
The ML13135 includes a Colpitts oscillator, VCO tuning diode, low
noise first and second mixer and LO, high gain limiting IF, and RSSI.
The ML13135 is designed for use with an LC quadrature detector and
has an uncommitted op amp that can be used either for an RSSI buffer
or as a data comparator.
This device can be used as a stand–alone VHF receiver or as the
lower IF of a triple conversion system. Applications include cordless
telephones, short range data links, walkie–talkies, low cost land
mobile, amateur radio receivers, baby monitors and scanners.
OPERATING FEATURES
• Complete Dual Conversion FM Receiver – Antenna to Audio Output
• Input Frequency Range – 200 MHz
• Voltage Buffered RSSI with 70 dB of Usable Range
• Low Voltage Operation – 2.0 to 6.0 Vdc (2 Cell NiCad Supply)
• Low Current Drain – 3.5 mA Typ
• Low Impedance Audio Output < 25 Ω
• VHF Colpitts First LO for Crystal or VCO Operation
• Isolated Tuning Diode
• Buffered First LO Output to Drive CMOS PLL Synthesizer
• Operating Temperature Range TA = –40° to +85°C
P DIP 24 = LP
PLASTIC PACKAGE
CASE 724
SO 24 = -6P
CASE 751E
(SO–24L)
24
1
24
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 24
MC13135P
ML13135LP
SO 24
MC13135DW
ML13135-6P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
24
AF
VCC2
2nd LO
VCC1
1st LO
Varicap
Limiter
Demod
1st LO Base
1st LO Emitter
1st LO Out
VCC1
2nd LO Emitter
2nd LO Base
2nd Mixer Out
VEE
Limiter In
Decouple 1
Decouple 2
RSSI
Varicap C
Varicap A
1st Mixer In 1
1st Mixer In 2
1st Mixer Out
VCC2
2nd Mixer In
Audio Out
Op Amp Out
Op Amp In –
Op Amp In +
Quad Coil
PIN CONNECTIONS
The device contains 142 active transistors.


Similar Part No. - ML13135LP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13135LP LANSDALE-ML13135LP Datasheet
771Kb / 11P
FM Communications Receiver; Dual Conversion Narrowband FM Receiver
More results

Similar Description - ML13135LP

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8509 SAMSUNG-KA8509 Datasheet
120Kb / 4P
FM RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
FM IF RECEIVER
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
FM Receiver IC
logo
TEMIC Semiconductors
U4065B TEMIC-U4065B Datasheet
290Kb / 23P
FM Receiver
logo
Samsung semiconductor
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
FM IF RECEIVER
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
FM IF RECEIVER
logo
List of Unclassifed Man...
RFM-07088 ETC2-RFM-07088 Datasheet
155Kb / 4P
One Chip FM Receiver
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
AM/FM RADIO RECEIVER
logo
List of Unclassifed Man...
RWS-88D ETC2-RWS-88D Datasheet
600Kb / 3P
FM STRERO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com