Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8802SPG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP8802SPG
Description  step-down DC/DC converter designed to drive LEDs with a constant current.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802SPG Datasheet(HTML) 2 Page - Diodes Incorporated

  AP8802SPG Datasheet HTML 1Page - Diodes Incorporated AP8802SPG Datasheet HTML 2Page - Diodes Incorporated AP8802SPG Datasheet HTML 3Page - Diodes Incorporated AP8802SPG Datasheet HTML 4Page - Diodes Incorporated AP8802SPG Datasheet HTML 5Page - Diodes Incorporated AP8802SPG Datasheet HTML 6Page - Diodes Incorporated AP8802SPG Datasheet HTML 7Page - Diodes Incorporated AP8802SPG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP8802EV2
Issue 5 August 2009
www.diodes.com
© Diodes Incorporated 2009
2
AP8802 DEVICE FEATURES
•
LED driving current up to 1A
•
Input voltage from 8V to 48V
•
High efficiency up to 92%
•
High switching frequency up to 500KHz
minimum
•
PWM/DC input for dimming control
•
Built-in soft-start function
•
Built-in output open-circuit protection
•
SOP-8L, MSOP-8L, DFN3030-10 are
available in “Green” Molding Compound (No
Br, Sb)
•
Lead Free Finish/RoHS Compliant
DEVICE APPLICATIONS
•
Commercial & industrial lighting
•
Small LCD panel backlighting
•
Appliance interior lighting
•
Architecture detail lighting
AP8802 Device Packages, Pin and Definitions
(1) SOP-8L
(2) SOP-8L-EP
SOP-8L
1
2
3
4
5
6
7
8
( Top View )
AP8802
NC
SW
CTRL
SET
SW
VIN
GND
GND
SOP-8L-EP
1
2
3
4
5
6
7
8
( Top View )
AP8802
NC
SW
CTRL
SET
SW
VIN
GND
GND
(3) DFN3030-10
( Top View)
1
2
5
3
4
6
8
7
10
9
DFN3030-10
VIN
GND
NC
SET
NC
SW
SW
GND
CTRL
NC
AP8802
PIN DESCRIPTION
Name
Description
SW
Switch Pin. Connect inductor/freewheeling diode here. Minimize trace area at this pin to reduce
EMI.
GND
GND pin
SET
Set Nominal Output Current Pin. Configure the output current of the device.
CTRL
Dimming and On/Off Control Input. Input voltage of 0.2V or lower forces the device into low
current standby mode and shut off the output. A PWM signal allows the output current to be
adjusted above or below the level set by the resistor connected to SET input pin.
The input impedance is about 50k, and if the pin is left open VCTRL = VREF
VIN
Input Supply Pin. Must be locally bypassed with a capacitor.
NC
No connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com