Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8802SPG Datasheet (PDF) - Diodes Incorporated

AP8802SPG Datasheet PDF - Diodes Incorporated
Part # AP8802SPG
Download  AP8802SPG Download
File Size   216.44 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description step-down DC/DC converter designed to drive LEDs with a constant current.

AP8802SPG Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8802SPG Datasheet PDF - Diodes Incorporated

Part # AP8802SPG
Download  AP8802SPG Click to download

File Size   216.44 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description step-down DC/DC converter designed to drive LEDs with a constant current.

AP8802SPG Datasheet (HTML) - Diodes Incorporated


AP8802SPG Product details

DESCRIPTION
The AP8802EV2, Figure 1, is a PCB constructed using an FR4 base for evaluating the AP8802 LED driver with internal switch in the SOP 8L-EP package. The evaluation board can be used to drive an external choice of LEDs; the total forward voltage across the LEDs depending on the number and type connected. [1]
The suggested operating voltage for the evaluation board ranges from 8V to 45V maximum. Higher voltage means lower supply current.
The nominal current for the evaluation board is set at 1A with a 0R2 sense resistor, R1.
Test point CTRL provides a connection point for DC or PWM dimming and shutdown.

AP8802 DEVICE DESCRIPTION
The AP8802 is a step-down DC/DC converter designed to drive LEDs with a constant current. The device can drive up to thirteen LEDs, depending largely on the forward voltage of the LEDs in series, from a voltage source of 8V to 48V. Series connection of the LEDs provides identical LED currents, resulting in uniform brightness and eliminates the need for ballast resistors. The AP8802 switches at frequencies up to 500KHz. This allows the use of small size external components, hence minimizing the PCB area needed.

AP8802 DEVICE FEATURES
• LED driving current up to 1A
• Input voltage from 8V to 48V
• High efficiency up to 92%
• High switching frequency up to 500KHz minimum
• PWM/DC input for dimming control
• Built-in soft-start function
• Built-in output open-circuit protection
• SOP-8L, MSOP-8L, DFN3030-10 are available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish/RoHS Compliant

DEVICE APPLICATIONS
• Commercial & industrial lighting
• Small LCD panel backlighting
• Appliance interior lighting
• Architecture detail lighting




Similar Part No. - AP8802SPG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802SPG-13 DIODES-AP8802SPG-13 Datasheet
217Kb / 13P
1A LED Step-Down Converter
AP8802 Rev. 1
AP8802SPG-13 DIODES-AP8802SPG-13 Datasheet
235Kb / 16P
1A LED Step-down Converter
AP8802 Rev. 5
More results


Similar Description - AP8802SPG

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
DC-to-DC Step-Down Converter
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
DC-to-DC Step-Down Converter
logo
Mean Well Enterprises C...
LDD-H-DA MEANWELL-LDD-H-DA Datasheet
106Kb / 4P
DC-DC Constant Current Step-Down LED driver with DALI
logo
Diodes Incorporated
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
step-down DC/DC converter designed to drive LEDs with a constant current.
AUGUST 2009
logo
Mean Well Enterprises C...
LDD-300LW MEANWELL-LDD-300LW Datasheet
149Kb / 6P
DC-DC Constant Current Step-Down LED driver
LDDS-H MEANWELL-LDDS-H Datasheet
108Kb / 5P
DC-DC Constant Current Step-Down LED driver
NLDD-H MEANWELL-NLDD-H Datasheet
595Kb / 6P
DC-DC Constant Current Step-Down LED driver
LDD-H-SPEC MEANWELL-LDD-H-SPEC Datasheet
1Mb / 6P
DC-DC Constant Current Step-Down LED driver
2022-05-24
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com