Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8802SPG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP8802SPG
Description  step-down DC/DC converter designed to drive LEDs with a constant current.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802SPG Datasheet(HTML) 3 Page - Diodes Incorporated

  AP8802SPG Datasheet HTML 1Page - Diodes Incorporated AP8802SPG Datasheet HTML 2Page - Diodes Incorporated AP8802SPG Datasheet HTML 3Page - Diodes Incorporated AP8802SPG Datasheet HTML 4Page - Diodes Incorporated AP8802SPG Datasheet HTML 5Page - Diodes Incorporated AP8802SPG Datasheet HTML 6Page - Diodes Incorporated AP8802SPG Datasheet HTML 7Page - Diodes Incorporated AP8802SPG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP8802EV2
Issue 5 August 2009
www.diodes.com
© Diodes Incorporated 2009
3
ORDERING INFORMATION
EVALBOARD ORDER
NUMBER
AP8802EV2
Please note: Evaluation boards are subject
to availability and qualified leads.
DEVICE ORDER NUMBER
Device
Package
Tape &
Reel
S (SOP-8L)
-13
SP (SOP-8L-EP)
-13
AP8802
FN (DFN3030-10)
-7
AP8802EV2 EVALUATION BOARD
REFERENCE DESIGN
The AP8802EV2 is an evaluation board configured to be used with the AP8802 in SOP-8L-EP
package. The target application is a driver for one or more series-connected LEDs for luminaires in
both commercial and automotive applications.
The suggested maximum operating voltage for the evaluation board is 45V, and a 0R2 sense resistor
R1 sets the nominal current at 1A.
An accurate way of determining the current, avoiding the need to insert an ammeter in the current
path, is to measure the voltage on the sense resistor. A 10k resistor and a 1uF capacitor can be used
to form a low pass filter and the voltage across the capacitor represents a more stable DC reading of
current. Using this method, 200mV represents 1 Amp when using a 0R2 sense resistor.
The CTRL pin connects to a low pass filter within the AP8802 chip to provide some decoupling, but
the external capacitor C2 (100nF) can be used to provide additional decoupling to reduce any high
frequency noise as well as providing the soft start function.
Both DC and PWM dimming can be achieved by driving the CTRL pin. For DC dimming, the CTRL pin
may be driven between 0.3V and 1.25V. Driving the CTRL pin below 0.2V will shut down the output
current. For PWM dimming, an external open-collector NPN transistor or open-drain N-channel
MOSFET can be used to drive the CTRL pin. The PWM frequency can be around 100Hz to 1 kHz.
For better resolution, PWM capacitor C2 should be removed from the evaluation board, to give a more
accurate duty cycle.
Shorting R2 will connect the test pin CTRL to device pin CTRL if needed. The external capacitor C2
on the CTRL pin sets the soft start time. The amount of soft start time achievable is approximately
0.2ms/nF.
For other reference designs or further applications information, please refer to the AP8802 datasheet.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com