Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8802SPG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP8802SPG
Description  step-down DC/DC converter designed to drive LEDs with a constant current.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802SPG Datasheet(HTML) 1 Page - Diodes Incorporated

  AP8802SPG Datasheet HTML 1Page - Diodes Incorporated AP8802SPG Datasheet HTML 2Page - Diodes Incorporated AP8802SPG Datasheet HTML 3Page - Diodes Incorporated AP8802SPG Datasheet HTML 4Page - Diodes Incorporated AP8802SPG Datasheet HTML 5Page - Diodes Incorporated AP8802SPG Datasheet HTML 6Page - Diodes Incorporated AP8802SPG Datasheet HTML 7Page - Diodes Incorporated AP8802SPG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 5 – August 2009
www.diodes.com
© Diodes Incorporated, 2009
AP8802EV2 USER GUIDE
DESCRIPTION
The AP8802EV2, Figure 1, is a PCB constructed using an FR4 base for evaluating the AP8802 LED
driver with internal switch in the SOP 8L-EP package. The evaluation board can be used to drive an
external choice of LEDs; the total forward voltage across the LEDs depending on the number and
type connected. [1]
The suggested operating voltage for the evaluation board ranges from 8V to 45V maximum.
Higher voltage means lower supply current.
The nominal current for the evaluation board is set at 1A with a 0R2 sense resistor, R1.
Test point CTRL provides a connection point for DC or PWM dimming and shutdown.
Note: The evaluation board does not have reverse polarity protection
Warning: with 1A output, the connected LED will be hot and very bright
Figure 1: AP8802EV2 evaluation board
AP8802 DEVICE DESCRIPTION
The AP8802 is a step-down DC/DC converter designed to drive LEDs with a constant current. The
device can drive up to thirteen LEDs, depending largely on the forward voltage of the LEDs in series,
from a voltage source of 8V to 48V. Series connection of the LEDs provides identical LED currents,
resulting in uniform brightness and eliminates the need for ballast resistors. The AP8802 switches at
frequencies up to 500KHz. This allows the use of small size external components, hence minimizing
the PCB area needed.
The maximum output current of the AP8802 is set via an external resistor connected between the VIN
and SET input pins. Dimming is achieved by applying either a DC voltage or a PWM signal at the
CTRL input pin. An input voltage of 0.2V or lower at CTRL shuts down the output at SW and puts the
device into a low-current standby state.
The device includes the output switch and a current sense circuit, which requires an external sense
resistor to set the nominal current up to 1A.


Similar Part No. - AP8802SPG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802SPG-13 DIODES-AP8802SPG-13 Datasheet
217Kb / 13P
1A LED Step-Down Converter
AP8802 Rev. 1
AP8802SPG-13 DIODES-AP8802SPG-13 Datasheet
235Kb / 16P
1A LED Step-down Converter
AP8802 Rev. 5
More results

Similar Description - AP8802SPG

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
DC-to-DC Step-Down Converter
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
DC-to-DC Step-Down Converter
logo
Mean Well Enterprises C...
LDD-H-DA MEANWELL-LDD-H-DA Datasheet
106Kb / 4P
DC-DC Constant Current Step-Down LED driver with DALI
logo
Diodes Incorporated
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
step-down DC/DC converter designed to drive LEDs with a constant current.
AUGUST 2009
logo
Mean Well Enterprises C...
LDD-300LW MEANWELL-LDD-300LW Datasheet
149Kb / 6P
DC-DC Constant Current Step-Down LED driver
LDDS-H MEANWELL-LDDS-H Datasheet
108Kb / 5P
DC-DC Constant Current Step-Down LED driver
NLDD-H MEANWELL-NLDD-H Datasheet
595Kb / 6P
DC-DC Constant Current Step-Down LED driver
LDD-H-SPEC MEANWELL-LDD-H-SPEC Datasheet
1Mb / 6P
DC-DC Constant Current Step-Down LED driver
2022-05-24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com