Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C007 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB39C007
Description  2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C007 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB39C007 Datasheet HTML 33Page - Cypress Semiconductor MB39C007 Datasheet HTML 34Page - Cypress Semiconductor MB39C007 Datasheet HTML 35Page - Cypress Semiconductor MB39C007 Datasheet HTML 36Page - Cypress Semiconductor MB39C007 Datasheet HTML 37Page - Cypress Semiconductor MB39C007 Datasheet HTML 38Page - Cypress Semiconductor MB39C007 Datasheet HTML 39Page - Cypress Semiconductor MB39C007 Datasheet HTML 40Page - Cypress Semiconductor MB39C007 Datasheet HTML 41Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Document Number: 002-08228 Rev. *C
Page 39 of 41
MB39C007
16. Package Dimension
DIMENSIONS
NOM.
MIN.
b
E
2.60 BSC
4.00 BSC
D
A
1
A
4.00 BSC
0.00
SYMBOL
MAX.
0.80
0.05
0.50 BSC
L
0.20
0.25
0.30
E
D2
2
2.60 BSC
e
c
0.35 REF
0.40
0.35
0.45
2. DIMENSIONING AND TOLERANCINC CONFORMS TO ASME Y14.5-1994.
3. N IS THE TOTAL NUMBER OF TERMINALS.
4. DIMENSION "b" APPLIES TO METALLIZED TERMINAL AND IS MEASURED
BETWEEN 0.15 AND 0.30mm FROM TERMINAL TIP.IF THE TERMINAL HAS
THE OPTIONAL RADIUS ON THE OTHER END OF THE TERMINAL. THE
DIMENSION "b"SHOULD NOT BE MEASURED IN THAT RADIUS AREA.
5. ND REFER TO THE NUMBER OF TERMINALS ON D OR E SIDE.
6. MAX. PACKAGE WARPAGE IS 0.05mm.
1. ALL DIMENSIONS ARE IN MILLIMETERS.
7. MAXIMUM ALLOWABLE BURRS IS 0.076mm IN ALL DIRECTIONS.
8. PIN #1 ID ON TOP WILL BE LOCATED WITHIN INDICATED ZONE.
9. BILATERAL COPLANARITY ZONE APPLIES TO THE EXPOSED HEAT
SINK SLUG AS WELL AS THE TERMINALS.
NOTE
10. JEDEC SPECIFICATION NO. REF : N/A
SIDE VIEW
BOTTOM VIEW
TOP VIEW
D
A
E
B
0.10 C
2X
0.20 C
A
A1
0.05 C
C
SEATING PLANE
D2
E2
0.15
C A B
0.15
C A B
1
e
b
0.05
C A B
0.20
C
(ND-1)× e
INDEX MARK
8
4
5
9
L
9
0.10 C
2X
6
7
12
18
13
24
19
Package Code: WNN024
002-15158 Rev. **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com