Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C007 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB39C007
Description  2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C007 Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB39C007 Datasheet HTML 1Page - Cypress Semiconductor MB39C007 Datasheet HTML 2Page - Cypress Semiconductor MB39C007 Datasheet HTML 3Page - Cypress Semiconductor MB39C007 Datasheet HTML 4Page - Cypress Semiconductor MB39C007 Datasheet HTML 5Page - Cypress Semiconductor MB39C007 Datasheet HTML 6Page - Cypress Semiconductor MB39C007 Datasheet HTML 7Page - Cypress Semiconductor MB39C007 Datasheet HTML 8Page - Cypress Semiconductor MB39C007 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Document Number: 002-08228 Rev. *C
Page 2 of 41
MB39C007
Contents
Description ................................................................... 1
Features ....................................................................... 1
Applications ................................................................. 1
1. Pin Assignment ...................................................... 3
2. Pin Descriptions ..................................................... 4
3. I/O Pin Equivalent Circuit Diagram ....................... 5
4. Block Diagram ........................................................ 6
4.1 Current mode ...................................................... 7
5. Function Of Each Block ......................................... 8
6. Absolute Maximum Ratings ................................ 10
7. Recommended Operating Conditions ................ 11
8. Electrical Characteristics .................................... 12
9. Test Circuit for Measuring Typical Operating
Characteristics ....................................................... 14
10. Application Notes ............................................... 15
10.1 Selection of Components ................................ 15
10.2 Output voltage setting ..................................... 16
10.3 About Conversion Efficiency ........................... 17
10.4 Power Dissipation and Heat
Considerations ...................................................... 17
10.5 XPOR Threshold Voltage Setting [VPORH,
VPORL] ................................................................. 18
10.6 Transient Response ........................................ 19
10.7 Board Layout, Design Example ...................... 19
11. Example Of Standard Operation
Characteristics........................................................ 21
11.1 Characteristics CH1 ............................................. 21
11.2 Switching Waveform ....................................... 29
11.3 Output Waveforms at Sudden Load Changes 30
11.4 CTL Start-up Waveform .................................. 31
11.5 CTL Stop Waveform ....................................... 33
11.6 Current Limitation Waveform .......................... 33
11.7 Voltage Detection Waveform .......................... 34
11.8 Waveform of Dynamic Output Voltage
Transition (VO1 1.8 V←→ 2.5 V) ........................ 34
12. Application Circuit Examples ........................... 35
12.1 Application Circuit Example 1 ......................... 35
12.2 Application Circuit Example 2 ......................... 36
12.3 Application Circuit Example Components List 37
13. Usage Precautions ............................................. 38
14. Ordering Information ......................................... 38
15. RoHS Compliance Information ......................... 38
16. Package Dimension ........................................... 39
Document History ..................................................... 40
Sales, Solutions, and Legal Information ................. 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com