Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C007 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB39C007
Description  2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C007 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB39C007 Datasheet HTML 19Page - Cypress Semiconductor MB39C007 Datasheet HTML 20Page - Cypress Semiconductor MB39C007 Datasheet HTML 21Page - Cypress Semiconductor MB39C007 Datasheet HTML 22Page - Cypress Semiconductor MB39C007 Datasheet HTML 23Page - Cypress Semiconductor MB39C007 Datasheet HTML 24Page - Cypress Semiconductor MB39C007 Datasheet HTML 25Page - Cypress Semiconductor MB39C007 Datasheet HTML 26Page - Cypress Semiconductor MB39C007 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Document Number: 002-08228 Rev. *C
Page 23 of 41
MB39C007
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
2.0
3.0
4.0
5.0
6.0
IOUT = -100 mA
IOUT = 0 A
Ta = +25°C
VOUT = 2.5 V
MODE = L
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
2.0
IOUT = -100 mA
IOUT = 0 A
Ta = +25°C
VOUT = 2.5 V
MODE = OPEN
3.0
4.0
5.0
6.0
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
0
200
400
600
Ta = +25°C
VIN = 3.7 V
VOUT = 2.5 V
MODE = L
800
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
0
Ta = +25°C
400
200
600
800
VOUT = 2.5 V
VIN = 3.7 V
MODE = OPEN
Output voltage vs. Input voltage
(PWM fixed mode)
Output voltage vs. Input voltage
(PFM/PWM mode)
Input voltage VIN (V)
Input voltage VIN (V)
Load current IOUT (mA)
Load current IOUT (mA)
Output voltage vs. Load current
(PFM/PWM mode)
Output voltage vs. Load current
(PWM fixed mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com