Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C007 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB39C007
Description  2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C007 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB39C007 Datasheet HTML 17Page - Cypress Semiconductor MB39C007 Datasheet HTML 18Page - Cypress Semiconductor MB39C007 Datasheet HTML 19Page - Cypress Semiconductor MB39C007 Datasheet HTML 20Page - Cypress Semiconductor MB39C007 Datasheet HTML 21Page - Cypress Semiconductor MB39C007 Datasheet HTML 22Page - Cypress Semiconductor MB39C007 Datasheet HTML 23Page - Cypress Semiconductor MB39C007 Datasheet HTML 24Page - Cypress Semiconductor MB39C007 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Document Number: 002-08228 Rev. *C
Page 21 of 41
MB39C007
11. Example of Standard Operation Characteristics
(Following is an example of characteristics for connection according to “Test Circuit for Measuring Typical Operating Characteristics”.)
11.1
Characteristics CH1
50
60
70
80
90
100
1
10
100
1000
VIN = 3.0 V
VIN = 4.2 V
Ta = +25°C
VOUT = 2.5 V
MODE = L
VIN = 3.7 V
VIN = 5.0 V
50
60
70
80
90
100
VIN = 3.0 V
VIN = 4.2 V
Ta = +25°C
VOUT = 1.2 V
MODE = L
VIN = 3.7 V
VIN = 5.0 V
1
10
100
1000
50
60
70
80
90
100
VIN = 3.0 V
VIN = 4.2 V
Ta = +25°C
VOUT = 1.8 V
VIN = 3.7 V
VIN = 5.0 V
1
10
100
1000
50
60
70
80
90
100
VIN = 4.2 V
Ta = +25°C
VOUT = 3.3 V
MODE = L
VIN = 3.7 V
VIN = 5.0 V
1
10
100
1000
Load current IOUT (mA)
Load current IOUT (mA)
Load current IOUT (mA)
Load current IOUT (mA)
Conversion efficiency vs. Load current
(PFM/PWM mode)
Conversion efficiency vs. Load current
(PFM/PWM mode)
Conversion efficiency vs. Load current
(PFM/PWM mode)
Conversion efficiency vs. Load current
(PFM/PWM mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com