Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C031 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB39C031
Description  2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C031 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB39C031 Datasheet HTML 35Page - Cypress Semiconductor MB39C031 Datasheet HTML 36Page - Cypress Semiconductor MB39C031 Datasheet HTML 37Page - Cypress Semiconductor MB39C031 Datasheet HTML 38Page - Cypress Semiconductor MB39C031 Datasheet HTML 39Page - Cypress Semiconductor MB39C031 Datasheet HTML 40Page - Cypress Semiconductor MB39C031 Datasheet HTML 41Page - Cypress Semiconductor MB39C031 Datasheet HTML 42Page - Cypress Semiconductor MB39C031 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
Document Number: 002-08407 Rev. *B
Page 39 of 69
MB39C031
(3) Soft start time
1. Address 10H to 12H are allocated as registers for the soft start time control.
2. The soft start time control is controlled by writing data to addresses 10H to 12H.
MSB
DATA
LSB
S
T
A
R
T
S
T
O
P
D01
0
0
D03 D02
0
0
D00
A
C
K
address10H: For DD1 soft start time setting
address11H: For DD2 soft start time setting
address12H: For LDO soft start time setting
D03 to D00: Set the soft start time
Soft start time setting table
DATA1
Soft start time
Default setting
00H
14.3ms
01H
0.9ms
DD1, DD2
02H
1.8ms
03H
2.7ms
LDO
04H
3.6ms
05H
4.5ms
06H
5.4ms
07H
6.3ms
08H
7.2ms
09H
8.1ms
0AH
9.0ms
0BH
9.9ms
0CH
10.8ms
0DH
11.6ms
0EH
12.5ms
0FH
13.4ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com