Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C031 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB39C031
Description  2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C031 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB39C031 Datasheet HTML 9Page - Cypress Semiconductor MB39C031 Datasheet HTML 10Page - Cypress Semiconductor MB39C031 Datasheet HTML 11Page - Cypress Semiconductor MB39C031 Datasheet HTML 12Page - Cypress Semiconductor MB39C031 Datasheet HTML 13Page - Cypress Semiconductor MB39C031 Datasheet HTML 14Page - Cypress Semiconductor MB39C031 Datasheet HTML 15Page - Cypress Semiconductor MB39C031 Datasheet HTML 16Page - Cypress Semiconductor MB39C031 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
Document Number: 002-08407 Rev. *B
Page 13 of 69
MB39C031
DD1, DD2
(Ta=+25°C, VCC=PVCC1, PVCC2, L=3.6V)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
DC/DC
Converter Block
[DD1]
Output voltage
VOUT
Output voltage setting: 1.2V
IOUT=-10mA
1.186
1.20
1.214
V
Input stability
VLINE
IOUT=-10mA, VCC=2.5V to
5.5V
-5
-
+5
mV
Load stability
VLOAD
IOUT=-1mA to -1400mA
(when in Fixed PWM mode)
-10
-
-
mV
IOUT=-1mA to -1400mA
(when in PFM/PWM mode)
-10
-
+15
mV
IN1 pin input impedance
RIN
IN1 pin=1.5V
output voltage setting:
1.2V
-
400
-
kΩ
SW PMOS-Tr ON
resistance
RPMOS
LX1 pin=-30mA
-
0.12*
-
Ω
SW NMOS-Tr ON
resistance
RNMOS
LX1 pin= 30mA
-
0.09*
-
Ω
SW PMOS-Tr leak
current
ILEAK
LX1 pin=0V
-1
-
-
μA
SW NMOS-Tr leak
current
ILEAK
LX1 pin=3.6V
-
-
1
μA
Overcurrent protection
value
ILIMIT
L=1.5
μH
2000
-
-
mA
PFM/PWM reshuffling
electric current
IPFM
L=1.5
μH
-
40*
-
mA
Discharge resistor
RDIS
-
-
5
-
kΩ
Soft-start time
tSS
Preset value
0.8
0.9
1.0
ms
Switching frequency
fOSC
-
2.7
3.0
3.3
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com