Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C031 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB39C031
Description  2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C031 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB39C031 Datasheet HTML 19Page - Cypress Semiconductor MB39C031 Datasheet HTML 20Page - Cypress Semiconductor MB39C031 Datasheet HTML 21Page - Cypress Semiconductor MB39C031 Datasheet HTML 22Page - Cypress Semiconductor MB39C031 Datasheet HTML 23Page - Cypress Semiconductor MB39C031 Datasheet HTML 24Page - Cypress Semiconductor MB39C031 Datasheet HTML 25Page - Cypress Semiconductor MB39C031 Datasheet HTML 26Page - Cypress Semiconductor MB39C031 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
Document Number: 002-08407 Rev. *B
Page 23 of 69
MB39C031
15.
Protection Operation Sequence
DD channel
The DD channel monitors the FET current peak value at any time during the operation. When the DD output becomes the over
current state, the output voltage is decreased. Afterward, the timer operation is performed and the output stops after about 1ms
progress.
LDO channel
It contains the fold-back type over current protection circuit in order to prevent destroy because of the over load and the output
over current. It limits the output current and the output voltage from the peak around the over current protection value for LDO
(ILIMIT) to the over current current (Is).
At this time, if the output voltage Vo gets lower than the detection voltage Vd (Vd: Vo×0.5), the timer operation starts and the output
stops after about 1ms progress. Moreover, because the over current protection circuit does not operate at the soft-start (0V to Vo ×
0.7), neither the output stops nor the error signal outputs. However, the fold-back type over current protection characteristic
functions. The following shows the fold-back type over current protection characteristic.
Thermal shutdown protection
If the temperature at the junction part reaches +150 °C, the thermal shutdown protection circuit turns all channels off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com