Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C031 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB39C031
Description  2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C031 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB39C031 Datasheet HTML 17Page - Cypress Semiconductor MB39C031 Datasheet HTML 18Page - Cypress Semiconductor MB39C031 Datasheet HTML 19Page - Cypress Semiconductor MB39C031 Datasheet HTML 20Page - Cypress Semiconductor MB39C031 Datasheet HTML 21Page - Cypress Semiconductor MB39C031 Datasheet HTML 22Page - Cypress Semiconductor MB39C031 Datasheet HTML 23Page - Cypress Semiconductor MB39C031 Datasheet HTML 24Page - Cypress Semiconductor MB39C031 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
Document Number: 002-08407 Rev. *B
Page 21 of 69
MB39C031
13.
CTL* Turning On and Off Sequence 2(VCC→CTLMAIN→CTL1→CTL2)
VCC
VR
osc (IC internal signal)
3.6V
0.6V
85%
DD1
PG1
CTLMAIN
ctl1 (IC internal signal)
VCCI2C
85%
DD2
PG2
0V
Soft-start time
uvlo_vcc
(IC internal signal)
VREF
2.4V
Discharge
Discharge
90%
CTL1
CTL2
ctl2 (IC internal signal)
Soft-start time
(1)
(2)
(1)
Time from turning on CTLMAIN to VREF activation completion (=communication enabled)*
Typ: 130
μs, Max: 200 μs
(2)
Time from turning on CTL1 to ctll (IC internal signal) "H"
Typ: 150
μs, Max: 250 μs
*: VREF and VR activations depend on the VREF pin capacitance and VR pin capacitance.
Time in the sequence figure above is applied for the following condition.
 VREF pin capacitance : 0.1
μF
 VR pin capacitance : 0.47
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com