Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6AP111A28 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # S6AP111A28
Description  2ch DC/DC Converter IC with PWM Synchronous Rectification
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP111A28 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button S6AP111A28 Datasheet HTML 25Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 26Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 27Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 28Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 29Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 30Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 31Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 32Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
Document Number: 002-08491 Rev.*C
Page 29 of 51
S6AP111A28
L
OUT
ΔI
ESR
ΔV
12. Application Note
12.1 Setting Operating Conditions
Setting the Output Voltage
You can set the output voltage by adjusting the R1 and R2 resistance ratio. The output voltage is calculated using the following
formula.
2
ΔV
)
R
)
t
10
2.800
-
(1
ΔI
0.0184
0.0100
-
(INTREF
R2
R2
R1
V
OUT
ON_Sync
OFF
7
L
OUT
OSC
IN
O
O
IN
L
V
V
L
V
-
V
ΔI
f
UT
UT
,
IN
OSC
OUT
IN
OFF
V
f
)
V
-
(V
t
INTREF
: Internal reference voltage (DC threshold) [V]
VOUT
: Output settings voltage [V]
VIN
: Power supply voltage [V]
ΔVOUT
: Output ripple voltage value [V]
tOFF
: Off time [s]
RON_Sync
: ON resistance of low side FET [
Ω]
ΔIL
: Ripple current peak-to-peak value of inductor [A]
ESR
: Series resistance element of output capacitor [
Ω]
L
: Inductor value [H]
fOSC
: Switching frequency [Hz]
Select a total resistor value (R1+R2) of up to 100 k
Ω for the setting output resistor.
Figure 12-1. FB Connection
Connecting the Feedback Capacitor
The IC internally generates the output voltage slope during the OFF period to stabilize the switching frequency, but it is also effective
to apply output ripple voltage to the FB pin. This is achieved by adding capacitors (CFB) to the R1 in parallel. Applying a ripple
voltage value to the FB terminals is more effective than high output voltage conditions that decrease it based on the R1 and R2 ratio.
When selecting which capacitors to add, use the following formula.
2
1
2
)
2
1
(
10
R
R
f
R
R
C
OSC
FB
CFB
: Feedback capacitor capacitance [F]
R1,R2
: Output voltage setting resistance [Ω]
fOSC
: Switching frequency [Hz]
VOUTx
FBx
R1
R2
VOx
x: Each channel number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com