Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6AP111A28 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S6AP111A28
Description  2ch DC/DC Converter IC with PWM Synchronous Rectification
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP111A28 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S6AP111A28 Datasheet HTML 6Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 7Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 8Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 9Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 10Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 11Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 12Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 13Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Document Number: 002-08491 Rev.*C
Page 10 of 51
S6AP111A28
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Over Current Detection Block [ Current Sense ]
ILIM pin source current
IILIM
ILIM1, 2 = 0.1V
-12.5
-10
-8.3
A
ILIM pin source current
Temperature slope
TILIM
-
-
4200(*1)
-
ppm
/°C
Overcurrent detection
offset voltage
VOFFILIM
ILIMx − (PGNDx−LXx)
PGNDx − LX = 60 mV
-20
0
20
mV
Overcurrent detection
Setting range
VILIM
ILIM input
30
-
200
mV
Control Block [ CTL1, 2 ]
On condition
VON
CTL1,2 pin
2
-
28
V
Off condition
VOFF
CTL1,2 pin
0
-
0.8
V
Hysteresis width
VH
CTL1,2 pin
-
0.4(*1)
-
V
Input current
ICTLH
CTL1,2 = 5V
-
25
40
A
ICTLL
CTL1,2 = 0V
-
0
1
A
All Devices
Standby current
ICCS
VCC = 12V, CTL1,2 = 0V
-
0
10
A
Power supply current
ICC
VCC = 12V, LX1, 2 = 0V, FB1, 2 =
1.0V
-
1.3
1.8
mA
*1: This parameter is not be specified. This should be used as a reference to support designing the circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com