Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6AP111A28 Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # S6AP111A28
Description  2ch DC/DC Converter IC with PWM Synchronous Rectification
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP111A28 Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button S6AP111A28 Datasheet HTML 38Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 39Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 40Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 41Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 42Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 43Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 44Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 45Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Document Number: 002-08491 Rev.*C
Page 42 of 51
S6AP111A28
12.3 Layout
Consider the following points in your layout.
Try to provide a ground plane on the IC mounting surface. Try not to pass the heavy current path through the ground of around IC.
Try to connect the switching system parts on the surface and avoid connecting via the through-hole as much as possible.
Provide through-holes close to GND pins for switching system parts, and connect them to the inner ground plane.
Pay particular attention to the loop composed of the input capacitor (C
VCC), switching FET, and flyback diode (SBD), and make the
current loop as small as possible.
Place the bootstrap capacitor (C
BOOT1, CBOOT2) as close as possible to the IC CBx and LXx pins.
A large electric current will instantaneously flow in the net of the DRVHx and DRVLx pins connected to the switching FET gate.
Make the wiring as short as possible and aim for a wire width of approximately 0.8 mm.
Place the bypass capacitors (C
VCC, CVB, CVREF) that connect to the VCC, VB, and VREF as close to the pins as possible.
In addition, connect the GND pin for the bypass capacitor to the inner ground plane through the nearest through-hole.
In order to provide the IC with more accurate feedback on the ripple voltage that is generated by the output capacitor ESR,
individually pull the feedback wires connected to the VOx pins of this IC from the closest possible output capacitor pins. The wires
connected to the VOx and FBx pins are sensitive to noise. Try to keep these wires as far away from switching system parts as
possible.
In addition, place the output voltage setting resistors that are connected to these wires as close to the IC as possible. Make the FB
pin wire as short as possible. In addition, for the inner layer right under the mounting location, provide a ground plane that has
minimal ripple and spike noises, or provide a power plane if possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com