Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6AP111A28 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # S6AP111A28
Description  2ch DC/DC Converter IC with PWM Synchronous Rectification
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP111A28 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button S6AP111A28 Datasheet HTML 18Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 19Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 20Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 21Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 22Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 23Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 24Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 25Page - Cypress Semiconductor S6AP111A28 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Document Number: 002-08491 Rev.*C
Page 22 of 51
S6AP111A28
Figure 8-6. Output Block and Boost Circuit Block
8.13 Over Current Detection Block (ILIM Comp.)
This function limits the output current when it has increased, and protects devices connected to the output. It compares the
difference in voltage between the PGND1 pin (pin 22) and the LX1 pin (pin 24) and the ILIM1 pin (pin 21) voltage, and the difference
in voltage between the PGND2 pin (pin 15) and LX2 pin (pin 13) and the ILIM2 pin (pin 16) voltage during the synchronous
rectification period, and performs over current detection in every cycle.
The high side FET stays off until the difference in voltage between PGNDx and LXx is lower than the ILIMx pin voltage, and turns on
after it becomes lower. This is how over current protection is performed. This protection operation drops the output voltage.
For the difference in voltage between PGNDx and LXx during the synchronous rectification period, the low side FET on resistance is
sense resistance, and the inductor current is the sensed voltage waveform.
A 10
A (typical) I
ILIM current is supplied from the ILIMx pin, so you can set any over current limit value by connecting resistance to
the ILIMx pin. For the IILIM current, a temperature slope of 4200ppm/°C is set to compensate for the temperature dependence
characteristics of the low side FET on resistance.
8.14 Control Block (CTL)
Turn CH1 on or off using the CTL1 pin (pin 3) and turn the CH2 on or off using the CTL2 pin (pin 10). Setting both CTL1 and 2 to
Level "L" at the same time puts it in standby (the power supply current during standby is a maximum of 10
A).
Table 8-2. Control Functions
CTL1
CTL2
DC/DC Converter (CH1)
DC/DC Converter (CH2)
L
L
OFF
OFF
H
L
ON
OFF
L
H
OFF
ON
H
H
ON
ON
DRVLx
VB
Drive
Logic
V
IN
I
L
V
OUT
Bias
Reg.
Lo-side
Drive
Hi-side
Drive
DRVHx
CBx
LXx
VB
DRVLx
Boost SW
x: Each channel number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com