Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL032P Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # S25FL032P
Description  32-Mbit 3.0 V Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL032P Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button S25FL032P Datasheet HTML 46Page - Cypress Semiconductor S25FL032P Datasheet HTML 47Page - Cypress Semiconductor S25FL032P Datasheet HTML 48Page - Cypress Semiconductor S25FL032P Datasheet HTML 49Page - Cypress Semiconductor S25FL032P Datasheet HTML 50Page - Cypress Semiconductor S25FL032P Datasheet HTML 51Page - Cypress Semiconductor S25FL032P Datasheet HTML 52Page - Cypress Semiconductor S25FL032P Datasheet HTML 53Page - Cypress Semiconductor S25FL032P Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Document Number: 002-00650 Rev. *L
Page 50 of 60
S25FL032P
Notes
1. Typical program and erase times assume the following conditions: 25°C, VCC = 3.0 V; 10,000 cycles; checkerboard data pattern.
2. Under worst-case conditions of 85°C; VCC = 2.7 V; 100,000 cycles.
3. Acceleration mode (9 V ACC) only in Program mode, not Erase.
4. Only applicable as a constraint for WRR instruction when SRWD is set to a ‘1’.
5. tWH + tWL must be less than or equal to 1/fC.
6.
Full Vcc range (2.7 – 3.6 V) & CL = 30 pF.
7.
Regulated Vcc range (3.0 – 3.6 V) & CL = 30 pF.
8.
Regulated Vcc range (3.0 – 3.6 V) & CL = 15 pF.
18.1
Capacitance
Notes
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
3. For more information on pin capacitance, please consult the IBIS models.
Figure 45. SPI Mode 0 (0,0) Input Timing
tSE
Sector Erase Time (64 KB) (1)(2)
0.5
2
sec
tPE
Parameter Sector Erase Time (1)(2)
(4 KB or 8 KB)
200
800
ms
tBE
Bulk Erase Time (1)(2)
32
64
sec
tRES
Deep Power-down to Standby Mode
30
µs
tDP
Time to enter Deep Power-down Mode
10
µs
tVHH
ACC Voltage Rise and Fall time
2.2
µs
tWC
ACC at VHH and VIL or VIH to first command
5
µs
Table 25. AC Characteristics (Continued)
Symbol (Notes)
Parameter (Notes)
Min.
(Notes)
Typ (Notes)
Max (Notes)
Unit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
CIN
Input Capacitance
(applies to SCK, PO7-PO0, SI, CS#)
VOUT = 0 V
9.0
12.0
pF
COUT
Output Capacitance
(applies to PO7-PO0, SO)
VIN = 0 V
12.0
16.0
pF
CS#
SCK
SI
SO
tCSH
tCSS
tCSH
tCSS
tCFT
tCRT
MSB IN
LSB IN
Hi-Z
tSU:DAT tHD:DAT
tCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com