Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL032P Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S25FL032P
Description  32-Mbit 3.0 V Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL032P Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S25FL032P Datasheet HTML 17Page - Cypress Semiconductor S25FL032P Datasheet HTML 18Page - Cypress Semiconductor S25FL032P Datasheet HTML 19Page - Cypress Semiconductor S25FL032P Datasheet HTML 20Page - Cypress Semiconductor S25FL032P Datasheet HTML 21Page - Cypress Semiconductor S25FL032P Datasheet HTML 22Page - Cypress Semiconductor S25FL032P Datasheet HTML 23Page - Cypress Semiconductor S25FL032P Datasheet HTML 24Page - Cypress Semiconductor S25FL032P Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Document Number: 002-00650 Rev. *L
Page 21 of 60
S25FL032P
9.3
Dual Output Read Mode (DOR)
The Dual Output Read instruction is similar to the FAST_READ instruction, except that the data is shifted out 2 bits at a time using 2
pins (SI/IO0 and SO/IO1) instead of 1 bit, at a maximum frequency of 80 MHz. The Dual Output Read mode effectively doubles the
data transfer rate compared to the FAST_READ instruction.
The host system must first select the device by driving CS# low. The Dual Output Read command is then written to SI, followed by a
3-byte address (A23-A0) and a dummy byte. Each bit is latched on the rising edge of SCK. Then the memory contents, at the
address that is given, are shifted out two bits at a time through the IO0 (SI) and IO1 (SO) pins at a frequency fC on the falling edge of
SCK.
The Dual Output Read command sequence is shown in Figure 12 and Table 10 on page 18. The first address byte specified can
start at any location of the memory array. The device automatically increments to the next higher address after each byte of data is
output. The entire memory array can therefore be read with a single Dual Output Read command. When the highest address is
reached, the address counter reverts to 00000h, allowing the read sequence to continue indefinitely.
It is important that the I/O pins be set to high-impedance prior to the falling edge of the first data out clock.
The Dual Output Read command is terminated by driving CS# high at any time during data output. The device rejects any Dual
Output Read command issued while it is executing a program, erase, or Write Registers operation, and continues the operation
uninterrupted.
Figure 12. Dual Output Read Instruction Sequence
9.4
Quad Output Read Mode (QOR)
The Quad Output Read instruction is similar to the FAST_READ instruction, except that the data is shifted out 4 bits at a time using
4 pins (SI/IO0, SO/IO1, W#/ACC/IO2 and HOLD#/IO3) instead of 1 bit, at a maximum frequency of 80 MHz. The Quad Output Read
mode effectively doubles the data transfer rate compared to the Dual Output Read instruction, and is four times the data transfer rate
of the FAST_READ instruction.
The host system must first select the device by driving CS# low. The Quad Output Read command is then written to SI, followed by
a 3-byte address (A23-A0) and a dummy byte. Each bit is latched on the rising edge of SCK. Then the memory contents, at the
address that are given, are shifted out four bits at a time through IO0 (SI), IO1 (SO), IO2 (W#/ACC), and IO3 (HOLD#) pins at a
frequency fC on the falling edge of SCK.
The Quad Output Read command sequence is shown in Figure 13 and Table 10 on page 18. The first address byte specified can
start at any location of the memory array. The device automatically increments to the next higher address after each byte of data is
output. The entire memory array can therefore be read with a single Quad Output Read command. When the highest address is
reached, the address counter reverts to 00000h, allowing the read sequence to continue indefinitely.
It is important that the I/O pins be set to high-impedance prior to the falling edge of the first data out clock.
The Quad Output Read command is terminated by driving CS# high at any time during data output. The device rejects any Quad
Output Read command issued while it is executing a program, erase, or Write Registers operation, and continues the operation
uninterrupted.
The Quad bit of Configuration Register must be set (CR Bit1 = 1) to enable the Quad mode capability of the S25FL device.
CS#
SCK
SO/IO1
SI Switches from Input to Output
24 Bit
Address
Dummy Byte
Hi-Z
Byte 2
*MSB
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47
23
*
22 21
32107
*
6543210
6420
SI/IO0
012
34
56
7
8
9
10
Instruction
Byte 1
7
5
31
7
*
5
31
7
*
6420
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com