Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL032P Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # S25FL032P
Description  32-Mbit 3.0 V Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL032P Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button S25FL032P Datasheet HTML 24Page - Cypress Semiconductor S25FL032P Datasheet HTML 25Page - Cypress Semiconductor S25FL032P Datasheet HTML 26Page - Cypress Semiconductor S25FL032P Datasheet HTML 27Page - Cypress Semiconductor S25FL032P Datasheet HTML 28Page - Cypress Semiconductor S25FL032P Datasheet HTML 29Page - Cypress Semiconductor S25FL032P Datasheet HTML 30Page - Cypress Semiconductor S25FL032P Datasheet HTML 31Page - Cypress Semiconductor S25FL032P Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Document Number: 002-00650 Rev. *L
Page 28 of 60
S25FL032P
Note
CFI data related to VCC and time-outs may differ from actual VCC and time-outs of the product. Please consult the Ordering Information tables to obtain the VCC range for
particular part numbers. Refer to Section 18., AC Characteristics on page 49 for typical timeout specifications.
9.8
Read-ID (READ_ID)
The READ_ID instruction provides the S25FL032P manufacturer and device information and is provided as an alternative to the
Release from Deep Power-Down and Read Electronic Signature (RES), and the JEDEC Read Identification (RDID) commands.
The instruction is initiated by driving the CS# pin low and shifting in (via the SI input pin) the instruction code “90h” followed by a
24-bit address (which is either 00000h or 00001h). Following this, the Manufacturer ID and the Device ID are shifted out on the SO
output pin starting after the falling edge of the SCK serial clock input signal. If the 24-bit address is set to 000000h, the Manufacturer
ID is read out first followed by the Device ID. If the 24-bit address is set to 000001h, then the Device ID is read out first followed by
the Manufacturer ID. The Manufacturer ID and Device ID are always shifted out on the SO output pin with the MSB first, as shown in
Figure 10-14. Once the device is in Read-ID mode, the Manufacturer ID and Device ID output data toggle between address
000000H and 000001H until terminated by a low to high transition on the CS# input pin. The maximum clock frequency for the
Read-ID (90h) command is at 104 MHz (FAST_READ). The Manufacturer ID and Device ID are output continuously until terminated
by a low to high transition on CS# chip select input pin.
Figure 19. Read-ID (RDID) Command Timing Diagram
4Ch
03h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page,
03 = 256 Byte Page
4Dh
85h
ACC (Acceleration) Supply Minimum
00 = Not Supported, (D7-D4: Volt, D3-D0: 100 mV)
4Eh
95h
ACC (Acceleration) Supply Maximum
00 = Not Supported, (D7-D4: Volt, D3-D0: 100 mV)
4Fh
07h
W# Protection
07 = Uniform Device with Top or Bottom Write Protect (user select)
50h
00h
Program Suspend
00 = Not Supported, 01 = Supported
Table 15. Product Group CFI Primary Vendor-Specific Extended Query (Continued)
Byte
Data
Description
CS#
SCK
SI
SO
0
High Impedance
8
7
6
5
4
3
22
19
31
30
28
10
9
45
44
43
42
41
40
39
38
37
36
35
34
33
32
47
46
23 22 21
0
1
2
3
0
1
2
3
4
5
6
7
Instruction
24-Bit Address
n
o
i
t
a
c
i
f
i
t
n
e
d
I
e
c
i
v
e
D
n
o
i
t
a
c
i
f
i
t
n
e
d
I
e
r
u
t
c
a
f
u
n
a
M
B
S
M
Table 16. READ_ID Data-Out Sequence
Address
Uniform
Manufacturer Identification
00000h
01h
Device Identification
00001h
15h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com