Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S26 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6S26
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S26 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6S26 Datasheet HTML 4Page - Microchip Technology MCP6S26 Datasheet HTML 5Page - Microchip Technology MCP6S26 Datasheet HTML 6Page - Microchip Technology MCP6S26 Datasheet HTML 7Page - Microchip Technology MCP6S26 Datasheet HTML 8Page - Microchip Technology MCP6S26 Datasheet HTML 9Page - Microchip Technology MCP6S26 Datasheet HTML 10Page - Microchip Technology MCP6S26 Datasheet HTML 11Page - Microchip Technology MCP6S26 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
MCP6S21/2/6/8
DS21117A-page 8
 2003 Microchip Technology Inc.
1.1.4
DIFFERENT VREF CONDITIONS
Some of the plots in Section 2.0, “Typical Performance
Curves”, have the conditions VREF =VDD/2 or
VREF =VDD. The equations and figures above are eas-
ily modified for these conditions. The ideal VOUT
becomes:
EQUATION
The complete linear model is:
EQUATION
where the new VIN endpoints are:
EQUATION
The equations for extracting the specifications do not
change.
VO_ideal
VREF GVIN VREF
–
()
+
=
VDD VREF VSS
>
0V
=
≥
VO_linear
G1 gE
+
() VIN VIN_L VOS
+
–
() 0.3V
+
=
VIN_L
0.3V VREF
–
GVREF
+
------------------------------
=
VIN_R
VDD 0.3V
–
VREF
–
GVREF
+
-----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com