Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S26 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6S26
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S26 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6S26 Datasheet HTML 10Page - Microchip Technology MCP6S26 Datasheet HTML 11Page - Microchip Technology MCP6S26 Datasheet HTML 12Page - Microchip Technology MCP6S26 Datasheet HTML 13Page - Microchip Technology MCP6S26 Datasheet HTML 14Page - Microchip Technology MCP6S26 Datasheet HTML 15Page - Microchip Technology MCP6S26 Datasheet HTML 16Page - Microchip Technology MCP6S26 Datasheet HTML 17Page - Microchip Technology MCP6S26 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
MCP6S21/2/6/8
DS21117A-page 14
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +5.0V, VSS = GND, VREF =VSS, G= +1 V/V,
Input = CH0 = (0.3V)/G, CH1 to CH7 = 0.3V, RL =10kΩ to VDD/2, and CL = 60 pF.
FIGURE 2-31:
Output Voltage vs.
Shutdown Mode.
FIGURE 2-32:
POR Trip Voltage.
FIGURE 2-33:
Output Voltage Swing vs.
Frequency.
FIGURE 2-34:
The MCP6S21/2/6/8 family
shows no phase reversal under overdrive.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0E+00
1.0E-06
2.0E-06
3.0E-06
4.0E-06
5.0E-06
6.0E-06
7.0E-06
8.0E-06
9.0E-06
1.0E-05
Time (1 µs/div)
-25
-20
-15
-10
-5
0
5
10
15
20
25
5
0
VOUT is "ON"
(CH0 = 0.3V, G = +1)
Shutdown
CS
CS
Shutdown
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
1.60
1.64
1.68
1.72
1.76
1.80
1.84
1.88
POR Trip Voltage (V)
420 Samples
0.1
1
10
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
VDD = 2.5 V
VDD = 5.5 V
G = +1, +2
G = +4 to +10
G = +16, +32
10k
100k
10M
1M
-1
0
1
2
3
4
5
6
0.0E+00
1.0E-03
2.0E-03
3.0E-03
4.0E-03
5.0E-03
6.0E-03
7.0E-03
8.0E-03
9.0E-03
1.0E-02
Time (1 ms/div)
VDD = 5.0 V
G = +1 V/V
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com