Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S26 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6S26
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S26 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6S26 Datasheet HTML 8Page - Microchip Technology MCP6S26 Datasheet HTML 9Page - Microchip Technology MCP6S26 Datasheet HTML 10Page - Microchip Technology MCP6S26 Datasheet HTML 11Page - Microchip Technology MCP6S26 Datasheet HTML 12Page - Microchip Technology MCP6S26 Datasheet HTML 13Page - Microchip Technology MCP6S26 Datasheet HTML 14Page - Microchip Technology MCP6S26 Datasheet HTML 15Page - Microchip Technology MCP6S26 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
MCP6S21/2/6/8
DS21117A-page 12
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +5.0V, VSS = GND, VREF =VSS, G= +1 V/V,
Input = CH0 = (0.3V)/G, CH1 to CH7 = 0.3V, RL =10kΩ to VDD/2, and CL = 60 pF.
FIGURE 2-19:
Gain vs. Frequency.
FIGURE 2-20:
Histogram of Quiescent
Current in Shutdown Mode.
FIGURE 2-21:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-22:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-23:
Quiescent Current in
Shutdown Mode vs. Ambient Temperature.
FIGURE 2-24:
Output Short Circuit Current
vs. Supply Voltage.
-20
-10
0
10
20
30
40
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
G = +2
G = +1
1M
10M
100M
100k
G = +32
G = +16
G = +10
G = +8
G = +5
G = +4
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Quiescent Current in Shutdown (µA)
420 Samples
VDD = 5.0 V
1
10
100
0.1
1
10
Output Current Magnitude (mA)
VDD = +5.5V
VDD = +2.5V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.0
0.5 1.0
1.5 2.0 2.5
3.0 3.5 4.0
4.5 5.0
5.5
Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
In Shutdown Mode
VDD = 5.0 V
0
5
10
15
20
25
30
35
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com