Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S26 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6S26
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S26 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6S26 Datasheet HTML 15Page - Microchip Technology MCP6S26 Datasheet HTML 16Page - Microchip Technology MCP6S26 Datasheet HTML 17Page - Microchip Technology MCP6S26 Datasheet HTML 18Page - Microchip Technology MCP6S26 Datasheet HTML 19Page - Microchip Technology MCP6S26 Datasheet HTML 20Page - Microchip Technology MCP6S26 Datasheet HTML 21Page - Microchip Technology MCP6S26 Datasheet HTML 22Page - Microchip Technology MCP6S26 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
 2003 Microchip Technology Inc.
DS21117A-page 19
MCP6S21/2/6/8
5.2
Registers
The analog functions are programmed through the SPI
interface using 16-bit words (see Figure 5-1 and
Figure 5-2). This data is sent to two of three 8-bit regis-
ters: Instruction Register (Register 5-1), Gain Register
(Register 5-2) and Channel Register (Register 5-3).
The power-up defaults for these three registers are:
• Instruction Register: 000x xxx0
• Gain Register: xxxx x000
• Channel Register: xxxx x000
Thus, these devices are initially programmed with the
Instruction Register set for NOP (no operation), a gain
of +1 V/V and CH0 as the input channel.
5.2.1
INSTRUCTION REGISTER
The Instruction Register has 3 command bits and 1
indirect address bit; see Register 5-1. The command
bits include a NOP (000) to support daisy chaining (see
Section 5.3, “Registers”); the other NOP commands
shown should not be used (they are reserved for future
use). The device is brought out of Shutdown mode
when a valid command, other than NOP or Shutdown, is
sent and CS is raised.
REGISTER 5-1:
INSTRUCTION REGISTER
W-0
W-0
W-0
U-x
U-x
U-x
U-x
W-0
M2
M1
M0
—
—
—
—A0
bit 7
bit 0
bit 7-5
M2-M0: Command Bits
000
= NOP (Default) (Note 1)
001
= PGA enters Shutdown Mode as soon as a full 16-bit word is sent and CS is raised.
(Notes 1 and 2)
010
= Write to register.
011
= NOP (reserved for future use) (Note 1)
1XX
= NOP (reserved for future use) (Note 1)
bit 4-1
Unimplemented: Read as ‘0’ (reserved for future use)
bit 0
A0: Indirect Address Bit
1
= Addresses the Channel Register
0
= Addresses the Gain Register (Default)
Note 1: All other bits in the 16-bit word (including A0) are “don’t cares”.
2: The device exits Shutdown mode when a valid command (other than NOP or Shut-
down) is sent and CS is raised; that valid command will be executed. Shutdown
does not toggle.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com