Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7771 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # SFH7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7771 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button SFH7771 Datasheet HTML 10Page - OSRAM GmbH SFH7771 Datasheet HTML 11Page - OSRAM GmbH SFH7771 Datasheet HTML 12Page - OSRAM GmbH SFH7771 Datasheet HTML 13Page - OSRAM GmbH SFH7771 Datasheet HTML 14Page - OSRAM GmbH SFH7771 Datasheet HTML 15Page - OSRAM GmbH SFH7771 Datasheet HTML 16Page - OSRAM GmbH SFH7771 Datasheet HTML 17Page - OSRAM GmbH SFH7771 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Version 1.1
14
Version 1.1
SFH 7771
Registers
Register
Type
Name
Function
0x40
R/W
SYSTEM_CONTROL
System Control
0x41
R/W
MODE_CONTROL
ALS and PS General Control
0x42
R/W
ALS_PS_CONTROL
ALS Gain and PS current Control
0x43
R/W
PERSISTENCE
PS Interrupt Persistence Control
0x44
R
PS_DATA_LSB
Output data of PS measurement, LSB
0x45
R
PS_DATA_MSB
Output data of PS measurement, MSB
0x46
R
ALS_VIS_DATA_LSB
Output data of ALS_VIS measurement, LSB
0x47
R
ALS_VIS_DATA_MSB
Output data of ALS_VIS measurement, MSB
0x48
R
ALS_IR_DATA_LSB
Output data of ALS_IR measurement, LSB
0x49
R
ALS_IR_DATA_MSB
Output data of ALS_IR measurement, MSB
0x4A
R/W
INTERRUPT_CONTROL
Interrupt Control
0x4B
R/W
PS_TH_LSB
PS interrupt upper threshold level, LSB
0x4C
R/W
PS_TH_MSB
PS interrupt upper threshold level, MSB
0x4D
R/W
PS_TL_LSB
PS interrupt lower threshold level, LSB
0x4E
R/W
PS_TL_MSB
PS interrupt lower threshold level, MSB
0x4F
R/W
ALS_VIS_TH_LSB
ALS_VIS interrupt upper threshold level, LSB
0x50
R/W
ALS_VIS_TH_MSB
ALS_VIS interrupt upper threshold level, MSB
0x51
R/W
ALS_VIS_TL_LSB
ALS_VIS interrupt lower threshold level, LSB
0x52
R/W
ALS_VIS_TL_MSB
ALS_VIS interrupt lower threshold level, MSB
Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com