Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7771 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # SFH7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7771 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button SFH7771 Datasheet HTML 13Page - OSRAM GmbH SFH7771 Datasheet HTML 14Page - OSRAM GmbH SFH7771 Datasheet HTML 15Page - OSRAM GmbH SFH7771 Datasheet HTML 16Page - OSRAM GmbH SFH7771 Datasheet HTML 17Page - OSRAM GmbH SFH7771 Datasheet HTML 18Page - OSRAM GmbH SFH7771 Datasheet HTML 19Page - OSRAM GmbH SFH7771 Datasheet HTML 20Page - OSRAM GmbH SFH7771 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Version 1.1
SFH 7771
22.04.2016
17
ALS_PS_CONTROL register (0x42)
ALS and PS Control of set the PS output mode, the ALS gain and the LED current. In the „Infrared DC
level output“ PS mode (bit <6> = 1) the sensor measures the infrared DC ambient level. The proximity
value of the reflected signal is not available in this mode.
R/W-Register 0x42
Bit
7
6
5 4 3 2
1
0
Reserved
(read only)
PS output
ALS Gain for
ALS_VIS and ALS_IR
LED current
default
write 0
0 proximity output
0000
X1
X1
11 200mA
0 proximity output
0000
X1
X1
00 25 mA
1 Infrared DC level
output
0100
X2
X1
01 50 mA
0101
X2
X2
10 100 mA
1010
X64
X64
11 200 mA
1110
X128
X64
1111
X128
X128
rest
forbidden



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com