Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7771 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # SFH7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7771 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button SFH7771 Datasheet HTML 18Page - OSRAM GmbH SFH7771 Datasheet HTML 19Page - OSRAM GmbH SFH7771 Datasheet HTML 20Page - OSRAM GmbH SFH7771 Datasheet HTML 21Page - OSRAM GmbH SFH7771 Datasheet HTML 22Page - OSRAM GmbH SFH7771 Datasheet HTML 23Page - OSRAM GmbH SFH7771 Datasheet HTML 24Page - OSRAM GmbH SFH7771 Datasheet HTML 25Page - OSRAM GmbH SFH7771 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Version 1.1
22
Version 1.1
SFH 7771
ALS_VIS_TL_LSBs register (0x51)
LSB for the ALS_VIS threshold „LOW“.
R/W-Register 0x51
Bit
7
6
5
4
3
2
1
0
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
default
0
0
0
0
0
0
0
0
ALS_VIS_TL_MSBs register (0x52)
MSB for the ALS_VIS threshold „LOW“.
R/W-Register 0x52
Bit
7
6
5
4
3
2
1
0
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
default
0
0
0
0
0
0
0
0
INT modes
The Interrupt function compares ALS and PS measurement values with the current interrupt threshold
level. PS and ALS_VIS Interrupt status is readable via register 0x4A or at the INT pin of the sensor.
The Interrupt persistence function is only valid for PS measurements and is defined in register (0x43).
The INT pin of the SFH 7771 is open drain output and should be pulled up to V
INT,pullup by an external
resistor. When V
DD is supplied the INT pin is high impedance (inactive). The INT status becomes
inactive by writing INT reset command, reading the INT status register or performing a software reset.
The INT status stays in its last state when the sensor is set to the standby mode. In the INT active state
„low“ the sensor consumes ~25µA extra current. Therefore OSRAM recommends to set the INT state to
high impedance before setting the sensor in standby mode.
Following ALS and PS INT modes are described for the unlatched mode. In latched mode the switching
back to the „inactive“ INT state is depending on a interrupt reset or the read of the INT status register.
ALS INT mode:
The ALS_VIS threshold levels high (register 0x4F & 0x50) and low (register 0x4F & 0x50) are
only valid for the ALS_VIS measurement values. The ALS_VIS INT mode is fixed and can not
be adapted via register. The thresholds define a window with following functionality:
ALS INT is active, if the ALS_VIS measurement values are outside the window
ALS INT is inactive, if the ALS_VIS measurement results are inside the window.
PS INT Modes: Bit <5;4> of INTERRUPT_CONTROL register (0x4A)
00 PS_TH is only active:
The INT state is active, if the PS measurement result is equal or higher than the set PS_TH high
threshold.
The INT state is inactive, if the PS measurement result is lower than the set PS_TH high thresh-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com